Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OA5920-23TB Datasheet(PDF) 1 Page - ORION FANS

Part # OA5920-23TB
Description  AC Fan - 115V, 230V 172 x 150 x 51mm (6.7?쓝 5.9??x 2.0??
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA5920-23TB Datasheet(HTML) 1 Page - ORION FANS

  OA5920-23TB Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
19
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OA5920 ‘Challenger Series’
AC Fan - 115V, 230V
172 x 150 x 51mm (6.7”x 5.9” x 2.0”)
Frame
DiecastAluminum
OperatingTemperature
Ball Bearing
-10C ~ +70C
Storage Temp
-40C ~ +80C
Life Expectancy
Ball Bearing
60,000 hours (L10 at 40C)
Weight: 2.0 lbs.
Impeller
PBT, UL94V-0 plastic
Connection
Terminals
Motor
Shaded pole, thermally
protected
Bearing System
Dual ball (Sleeve available)
Insulation Resistance >100M ohm between lead-
wire and frame (500VDC)
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
Part Number
OA5920-12TB
OA5920-23TB
Nominal Voltage
115 VAC
230 VAC
Voltage Range
80 ~ 130 VAC
160 ~ 260 VAC
Rated Power
41 W (60Hz)
41 W (60Hz)
Rated Speed (RPM)
3000
3000
Airflow (CFM)
180
180
Noise Level (dB)
55
55
Max. Static Pressure
0.51” H2O
0.51” H2O
m4


Similar Part No. - OA5920-23TB

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA5920-23TB ORIONFANS-OA5920-23TB Datasheet
114Kb / 1P
   172 x 150 x 51mm (6.7?쓝 5.9??x 2.0??
More results

Similar Description - OA5920-23TB

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA172SAP ORIONFANS-OA172SAP_16 Datasheet
128Kb / 1P
   AC Fan - 115V, 230V 172 x 150 x 51mm (6.7?쓝 5.9??x 2.0??
OA172AP ORIONFANS-OA172AP_16 Datasheet
678Kb / 1P
   AC Fan - 115V, 230V 172 x 51mm (6.7?쓝 2.0??
OA172S ORIONFANS-OA172S Datasheet
127Kb / 1P
   172 x 150 x 51mm (6.7?쓝 5.9??x 2.0??
OA172SAPL ORIONFANS-OA172SAPL_16 Datasheet
317Kb / 1P
   AC Fan - 115V, 230V 172 x 150 x 38mm (6.7?쓝 5.9?쓝 1.5??
OA172SAP ORIONFANS-OA172SAP Datasheet
109Kb / 1P
   172 x 150 x 51mm (6.7?쓝 5.9??x 2.0??
OA5920 ORIONFANS-OA5920 Datasheet
114Kb / 1P
   172 x 150 x 51mm (6.7?쓝 5.9??x 2.0??
OA162 ORIONFANS-OA162_16 Datasheet
383Kb / 1P
   AC Fan - 115V, 230V 172 x 55mm (6.7??x 2.2??
OA172SAPXC ORIONFANS-OA172SAPXC Datasheet
98Kb / 1P
   AC Fan - 115V, 230V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OA172SAP-IP55 ORIONFANS-OA172SAP-IP55 Datasheet
594Kb / 1P
   AC FAN - 115V , 230V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OA172SAPL ORIONFANS-OA172SAPL Datasheet
100Kb / 1P
   172 x 150 x 38mm (6.7?쓝 5.9?쓝 1.5??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com