Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA144TM Datasheet(PDF) 7 Page - Rohm

Part # DTA144TM
Description  PNP -100mA -50V Digital Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA144TM Datasheet(HTML) 7 Page - Rohm

  DTA144TM Datasheet HTML 1Page - Rohm DTA144TM Datasheet HTML 2Page - Rohm DTA144TM Datasheet HTML 3Page - Rohm DTA144TM Datasheet HTML 4Page - Rohm DTA144TM Datasheet HTML 5Page - Rohm DTA144TM Datasheet HTML 6Page - Rohm DTA144TM Datasheet HTML 7Page - Rohm DTA144TM Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Notice-PGA-E
Rev.003
© 2015 ROHM Co., Ltd. All rights reserved.
Precautions Regarding Application Examples and External Circuits
1.
If change is made to the constant of an external circuit, please allow a sufficient margin considering variations of the
characteristics of the Products and external components, including transient characteristics, as well as static
characteristics.
2.
You agree that application notes, reference designs, and associated data and information contained in this document
are presented only as guidance for Products use.
Therefore, in case you use such information, you are solely
responsible for it and you must exercise your own independent verification and judgment in the use of such information
contained in this document.
ROHM shall not be in any way responsible or liable for any damages, expenses or losses
incurred by you or third parties arising from the use of such information.
Precaution for Electrostatic
This Product is electrostatic sensitive product, which may be damaged due to electrostatic discharge. Please take proper
caution in your manufacturing process and storage so that voltage exceeding the Products maximum rating will not be
applied to Products. Please take special care under dry condition (e.g. Grounding of human body / equipment / solder iron,
isolation from charged objects, setting of Ionizer, friction prevention and temperature / humidity control).
Precaution for Storage / Transportation
1.
Product performance and soldered connections may deteriorate if the Products are stored in the places where:
[a] the Products are exposed to sea winds or corrosive gases, including Cl2, H2S, NH3, SO2, and NO2
[b] the temperature or humidity exceeds those recommended by ROHM
[c]
the Products are exposed to direct sunshine or condensation
[d] the Products are exposed to high Electrostatic
2.
Even under ROHM recommended storage condition, solderability of products out of recommended storage time period
may be degraded. It is strongly recommended to confirm solderability before using Products of which storage time is
exceeding the recommended storage time period.
3.
Store / transport cartons in the correct direction, which is indicated on a carton with a symbol. Otherwise bent leads
may occur due to excessive stress applied when dropping of a carton.
4.
Use Products within the specified time after opening a humidity barrier bag. Baking is required before using Products of
which storage time is exceeding the recommended storage time period.
Precaution for Product Label
A two-dimensional barcode printed on ROHM Products label is for ROHM
’s internal use only.
Precaution for Disposition
When disposing Products please dispose them properly using an authorized industry waste company.
Precaution for Foreign Exchange and Foreign Trade act
Since concerned goods might be fallen under listed items of export control prescribed by Foreign exchange and Foreign
trade act, please consult with ROHM in case of export.
Precaution Regarding Intellectual Property Rights
1.
All information and data including but not limited to application example contained in this document is for reference
only. ROHM does not warrant that foregoing information or data will not infringe any intellectual property rights or any
other rights of any third party regarding such information or data.
2.
ROHM shall not have any obligations where the claims, actions or demands arising from the combination of the
Products with other articles such as components, circuits, systems or external equipment (including software).
3.
No license, expressly or implied, is granted hereby under any intellectual property rights or other rights of ROHM or any
third parties with respect to the Products or the information contained in this document. Provided, however, that ROHM
will not assert its intellectual property rights or other rights against you or your customers to the extent necessary to
manufacture or sell products containing the Products, subject to the terms and conditions herein.
Other Precaution
1.
This document may not be reprinted or reproduced, in whole or in part, without prior written consent of ROHM.
2.
The Products may not be disassembled, converted, modified, reproduced or otherwise changed without prior written
consent of ROHM.
3.
In no event shall you use in any way whatsoever the Products and the related technical information contained in the
Products or this document for any military purposes, including but not limited to, the development of mass-destruction
weapons.
4.
The proper names of companies or products described in this document are trademarks or registered trademarks of
ROHM, its affiliated companies or third parties.


Similar Part No. - DTA144TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA144TM ROHM-DTA144TM Datasheet
58Kb / 3P
   Digital transistors (built in resistor)
DTA144TM ROHM-DTA144TM Datasheet
144Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistor)
logo
Taiwan Semiconductor Co...
DTA144TM TSC-DTA144TM Datasheet
209Kb / 3P
   PNP Small Signal Transistor
logo
Rohm
DTA144TM ROHM-DTA144TM Datasheet
1Mb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
logo
ON Semiconductor
DTA144TM3 ONSEMI-DTA144TM3 Datasheet
112Kb / 6P
   Digital Transistors (BRT) R1 = 47 k, R2 =  k
September, 2012 ??Rev. 1
More results

Similar Description - DTA144TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA123E ROHM-DTA123E_15 Datasheet
1Mb / 12P
   PNP -100mA -50V Digital Transistor
DTA124T ROHM-DTA124T Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor
DTA143Z ROHM-DTA143Z Datasheet
1Mb / 14P
   PNP -100mA -50V Digital Transistor
DTA123YCA ROHM-DTA123YCA Datasheet
1,013Kb / 8P
   PNP -100mA -50V Digital Transistor
DTA043E ROHM-DTA043E Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistor
DTA124X ROHM-DTA124X Datasheet
1Mb / 11P
   PNP -100mA -50V Digital Transistor
DTA024E ROHM-DTA024E Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistor
DTA043Z ROHM-DTA043Z Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistor
DTA143T ROHM-DTA143T Datasheet
1Mb / 12P
   PNP -100mA -50V Digital Transistor
DTA143TCA ROHM-DTA143TCA Datasheet
1Mb / 7P
   PNP -100mA -50V Digital Transistor
DTA123ECA ROHM-DTA123ECA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com