Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OA254ANXC Datasheet(PDF) 1 Page - ORION FANS

Part No. OA254ANXC
Description  AC Fan - 115V, 230V High Performance 254 x 89mm (10.0” x 3.5”)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ORIONFANS [ORION FANS]
Homepage  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA254ANXC Datasheet(HTML) 1 Page - ORION FANS

  OA254ANXC Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC Fan - 115V, 230V High Performance
254 x 89mm (10.0” x 3.5”)
RoHS Compliant
24
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
Frame
DiecastAluminum
Operating Temperature
Ball Bearing
-20C ~ +80C
Storage Temp
-40C ~ +80C
Life Expectancy
Ball Bearing
60,000 hours (L10 at 40C)
Weight: ~ 5.4 lbs.
Impeller
PBT, UL94V-0 plastic
Connection
2x Lead Wires orTerminals
Motor
Capacitor drive, thermally
protected
Bearing System
Dual ball
Insulation Resistance >100M ohm between lead-
wire and frame (500VDC)
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
* Indicate “TB” for terminal type or “WB” for Wire leads (300mm)
Model Number
Speed
(RPM) Airflow (CFM) Noise (dB) Volts AC Voltage Range Watts
Max. Static
Pressure
(“H2O)
OA254AN-11-1 * XC
2700
850
69
115
80~130
75
0.78
OA254AN-11-1 *
2200
700
65
115
80~130
70
0.53
OA254AN-11-2 *
2000
600
55
115
80~130
45
0.45
OA254AN-11-3 *
1100
320
48
115
80~130
32
0.14
OA254AN-22-1 * XC
2700
850
69
230
160~260
75
0.78
OA254AN-22-1 *
2200
700
65
230
160~260
70
0.53
OA254AN-22-2 *
2000
600
55
230
160~260
45
0.45
OA254AN-22-3 *
1100
320
48
230
160~260
32
0.14
OA254 ‘XC Series’
m0


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn