Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OA180APL-22-1 Datasheet(PDF) 1 Page - ORION FANS

Part # OA180APL-22-1
Description  AC Fan - 115V, 230V 180 x 65mm (7.1??x 2.6??
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA180APL-22-1 Datasheet(HTML) 1 Page - ORION FANS

  OA180APL-22-1 Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
21
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OA180APL Series
Frame
DiecastAluminum
Operating Temperature
Ball Bearing
-20C ~ +80C
Storage Temp
-40C ~ +80C
Life Expectancy
Ball Bearing
60,000 hours (L10 at 40C)
Available as dual speed or
dual voltage
Weight: ~ 4.0 lbs.
Impeller
PBT, UL94V-0 plastic
Connection
2x Lead Wires 20AWG or
terminals
Motor
Single phase Capacitor in-
duction, 2/4 pole, inner rotor,
thermal protection
Bearing System
Dual ball
Insulation Resistance >100M ohm between lead-
wire and frame (500VDC)
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
AC Fan - 115V, 230V
180 x 65mm (7.1” x 2.6”)
* Indicate “TB” for terminal or “WB” for wire leads
Model Number Speed (RPM) Airflow
(CFM) Noise (dB) Volts AC
Voltage
Range
Watts
Max. Static
Pressure
(“H2O)
OA180APL-11-1 *
3300
405
60
115
60~130
70
0.83
OA180APL-11-2 *
2200
280
47
115
60~130
50
0.58
OA180APL-11-3 *
1650
210
40
115
60~130
38
0.43
OA180APL-22-1 *
3300
405
60
230
120~260
70
0.83
OA180APL-22-2 *
2200
280
47
230
120~260
50
0.58
OA180APL-22-3 *
1650
210
40
230
120~260
38
0.43
m0


Similar Part No. - OA180APL-22-1

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA180APL-22-1 ORIONFANS-OA180APL-22-1 Datasheet
1Mb / 1P
   AC Fan - 115V, 230V 180 x 65mm (7.1' x 2.6')
More results

Similar Description - OA180APL-22-1

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA180APL ORIONFANS-OA180APL Datasheet
1Mb / 1P
   AC Fan - 115V, 230V 180 x 65mm (7.1' x 2.6')
OA180ANL-METAL ORIONFANS-OA180ANL-METAL Datasheet
515Kb / 1P
   AC Fan - 115V, 230V 180 x 65mm (7.1??x 2.6??
OA180AP ORIONFANS-OA180AP Datasheet
1Mb / 1P
   AC Fan - 115V, 230V 180 x 89mm (7.1' x 3.5')
OA180AP ORIONFANS-OA180AP_15 Datasheet
750Kb / 1P
   AC Fan - 115V, 230V 180 x 89mm (7.1??x 3.5??
OA180AP_IP55 ORIONFANS-OA180AP_IP55 Datasheet
76Kb / 1P
   AC Fan - 230V 180 x 90mm (7.1??x 3.5??
OA80-METAL ORIONFANS-OA80-METAL Datasheet
261Kb / 1P
   AC Fan - 115V, 230V 80 x 38mm (3.15??x 1.5??
OA119 ORIONFANS-OA119 Datasheet
96Kb / 1P
   AC Fan - 115V, 230V 127 x 38mm (5.0??x 1.5??
OA2547AN-METAL ORIONFANS-OA2547AN-METAL Datasheet
319Kb / 1P
   AC Fan - 115V, 230V 254 x 89mm (10.0??x 3.5??
OA162 ORIONFANS-OA162_16 Datasheet
383Kb / 1P
   AC Fan - 115V, 230V 172 x 55mm (6.7??x 2.2??
OA205AN-METAL ORIONFANS-OA205AN-METAL Datasheet
236Kb / 1P
   AC Fan - 115V, 230V 205 x 72mm (8.0??x 2.8??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com