Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL68201-99125DEMO1Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL68201-99125DEMO1Z
Description  25A/35A DrMOS Module with Diode Emulation and PS4
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL68201-99125DEMO1Z Datasheet(HTML) 3 Page - Intersil Corporation

  ISL68201-99125DEMO1Z Datasheet HTML 1Page - Intersil Corporation ISL68201-99125DEMO1Z Datasheet HTML 2Page - Intersil Corporation ISL68201-99125DEMO1Z Datasheet HTML 3Page - Intersil Corporation ISL68201-99125DEMO1Z Datasheet HTML 4Page - Intersil Corporation ISL68201-99125DEMO1Z Datasheet HTML 5Page - Intersil Corporation ISL68201-99125DEMO1Z Datasheet HTML 6Page - Intersil Corporation ISL68201-99125DEMO1Z Datasheet HTML 7Page - Intersil Corporation ISL68201-99125DEMO1Z Datasheet HTML 8Page - Intersil Corporation ISL68201-99125DEMO1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ISL99125B, ISL99135B
3
FN8848.4
January 24, 2017
Submit Document Feedback
Pin Configuration
ISL99125B, ISL99135B
(24 LD QFN)
TOP VIEW
24
23
22
21
20
19
18
17
67
8
9
10
11
12
16
15
14
13
1
2
3
4
5
SW
SW
SW
SW
PWM
FCCM
BOOT
GH
PHASE
VIN
PAD2
GND
PAD1
Pin Descriptions
PIN #
PIN NAME
DESCRIPTION
1
PWM
PWM input of gate driver. The PWM signal can enter three distinct states during operation.
Connect this pin to the PWM output of the controller.
2
FCCM
Input pin to enable or disable diode emulation. When FCCM is LOW, diode emulation is
allowed. When FCCM is HIGH, continuous conduction mode is forced. High impedance on the
input (floating FCCM) or keeping the pin at mid-level of VCC will shut down the device into
ultra-low current mode (5V, 3μA).
3
BOOT
Floating bootstrap supply pin for the upper gate drive. Place a high quality low ESR ceramic
capacitor (~0.1μF to 0.22μF/X7R) in close proximity across the BOOT and PHASE pins.
4
GH
High-side gate drive output for monitoring/testing. No circuit connection needed.
5
PHASE
Return of bootstrap capacitor. Internally connected to SW node. External connection is not
needed.
6, 7, 8, 22, PAD2
VIN
Input of power stage. Place a couple of high quality, low ESR ceramic capacitors (10μF or
higher, X5R or X7R) in close proximity across the VIN and GND planes.
9, 10, 11, 12, 17, 18, 21, PAD1
GND
Power stage and logic bias supply return. Connect directly to system ground plane.
13, 14, 15, 16
SW
Switching junction node between low-side and high-side MOSFETs. Connect directly to
output inductor.
19, 20
GL
Low-side gate drive output for monitoring/testing. No circuit connection needed.
23, 24
VCC
+5V driver bias supply. Place a high quality, low ESR ceramic capacitor (~1μF/ X5R~X7R) in
close proximity from this pin to system ground plane.


Similar Part No. - ISL68201-99125DEMO1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL68201-99125DEMO1Z RENESAS-ISL68201-99125DEMO1Z Datasheet
1Mb / 32P
   Single-Phase R4 Digital Hybrid PWM Controller with PMBus/SMBus/I2C and PFM
ISL68201-99125DEMO1Z RENESAS-ISL68201-99125DEMO1Z Datasheet
845Kb / 13P
   25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
More results

Similar Description - ISL68201-99125DEMO1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL99125B RENESAS-ISL99125B Datasheet
845Kb / 13P
   25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
logo
Intersil Corporation
ISL99140IRZ INTERSIL-ISL99140IRZ Datasheet
455Kb / 14P
   40A DrMOS Power Module with Integrated Diode Emulation and Thermal Warning Output
May 5, 2014
logo
Renesas Technology Corp
ISL99140 RENESAS-ISL99140 Datasheet
761Kb / 15P
   40A DrMOS Power Module with Integrated Diode Emulation and Thermal Warning Output
logo
Alpha & Omega Semicondu...
AOZ5006 AOSMD-AOZ5006 Datasheet
823Kb / 16P
   35A DrMOS Power Module
logo
ams AG
TMG3992 AMSCO-TMG3992 Datasheet
3Mb / 95P
   Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMG3993 AMSCO-TMG3993 Datasheet
2Mb / 95P
   Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMG4903 AMSCO-TMG4903 Datasheet
1Mb / 104P
   Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
logo
Alpha & Omega Semicondu...
AOZ5066 AOSMD-AOZ5066 Datasheet
826Kb / 16P
   60A DrMOS Power Module
logo
Semtech Corporation
KBPC10 SEMTECH-KBPC10 Datasheet
215Kb / 2P
   10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
STMicroelectronics
AN2077 STMICROELECTRONICS-AN2077 Datasheet
178Kb / 19P
   EEPROM Emulation with STR71x
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com