Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL71090SEH75 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL71090SEH75
Description  Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL71090SEH75 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL71090SEH75 Datasheet HTML 1Page - Intersil Corporation ISL71090SEH75 Datasheet HTML 2Page - Intersil Corporation ISL71090SEH75 Datasheet HTML 3Page - Intersil Corporation ISL71090SEH75 Datasheet HTML 4Page - Intersil Corporation ISL71090SEH75 Datasheet HTML 5Page - Intersil Corporation ISL71090SEH75 Datasheet HTML 6Page - Intersil Corporation ISL71090SEH75 Datasheet HTML 7Page - Intersil Corporation ISL71090SEH75 Datasheet HTML 8Page - Intersil Corporation ISL71090SEH75 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ISL71090SEH50
5
FN8588.3
March 15, 2016
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
Maximum Voltage
VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +40V
VIN to GND at an LET = 86MeV•cm2/mg . . . . . . . . . . . . . . -0.5V to +36V
VOUT to GND (10s). . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5V to VOUT + 0.5V
Voltage on any Pin to Ground . . . . . . . . . . . . . . . . . -0.5V to +VOUT + 0.5V
Voltage on DNC Pins . . . . . . . . . . . . No connections permitted to these pins
ESD Ratings
Human Body Model (Tested per MIL-PRF-883 3015.7). . . . . . . . . . . 2kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . . 200V
Charged Device Model (Tested per JESD22-C101D)). . . . . . . . . . . 750V
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
8 Ld Flatpack Package (Notes 3, 4). . . . . .
140
15
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Maximum Junction Temperature (TJMAX). . . . . . . . . . . . . . . . . . . . . .+150°C
Recommended Operating Conditions
VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0V to +30V
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
3.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4. For
JC, the “case temp” location is the center of the ceramic on the package underside.
5. Product capability established by initial characterization. The “EH” version is acceptance tested on a wafer-by-wafer basis to 50krad(Si) at low dose rate.
6. The output capacitance used for SEE testing is CIN = 0.1µF and COUT = 1µF.
Electrical Specifications for Flatpack V
IN = 10V, IOUT = 0mA, CL = 0.1µF and CC = 1nF unless otherwise specified. Boldface
limits apply after radiation at +25°C and across the operating temperature range, -55°C to +125°C without radiation, unless otherwise specified.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 7)TYP
MAX
(Note 7)UNIT
VOUT
Output Voltage
5.005
V
VOA
VOUT Accuracy at TA = +25°C
VOUT = 5.005V, (Note 10)
-0.05
+0.05
%
VOUT Accuracy at TA = -55°C to +125°C VOUT = 5.005V, (Note 10)
-0.15
+0.15
%
VOUT Accuracy at TA = +25°C, Post
Radiation
VOUT = 5.005V, (Note 10)
-0.3
+0.3
%
TC VOUT
Output Voltage Temperature
Coefficient (Note 8)
10
ppm/°C
VIN
Input Voltage Range
7.0
30
V
IIN
Supply Current
0.930
1.500
mA
VOUT /VIN
Line Regulation
VIN = 7.0V to 30V
8
20
ppm/V
VOUT/IOUT
Load Regulation
Sourcing: 0mA ≤ IOUT ≤ 20mA
10
20
ppm/mA
Sinking: -10mA ≤ IOUT ≤ 0mA
21
40
ppm/mA
VD
Dropout Voltage
(Note 9)
IOUT = 10mA
1.5
1.7
V
ISC+
Short-Circuit Current
TA = +25°C, VOUT tied to GND
53
mA
ISC-
Short-Circuit Current
TA = +25°C, VOUT tied to VIN
-63
mA
tR
Turn-On Settling Time
90% of final value, CL = 1.0µF,
CC = open
250
µs
PSRR
Ripple Rejection
f = 120Hz
90
dB
eN
Output Voltage Noise
0.1Hz ≤ f ≤
10Hz
1.1
µVP-P
VN
Broadband Voltage Noise
10Hz ≤ f ≤
1kHz
2.2
µVRMS
Noise Density
f = 1kHz, VIN = 7.1V
68
nV/√Hz
VOUT/t
Long Term Drift
TA = 125°C, 1000hrs
15
ppm


Similar Part No. - ISL71090SEH75

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL71090SEH75 INTERSIL-ISL71090SEH75 Datasheet
387Kb / 13P
   7.5V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 18, 2016
logo
Renesas Technology Corp
ISL71090SEH75 RENESAS-ISL71090SEH75 Datasheet
488Kb / 14P
   7.5V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
January 21, 2022
ISL71090SEH75 RENESAS-ISL71090SEH75 Datasheet
495Kb / 14P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
May 14, 2021
ISL71090SEH75EV1Z RENESAS-ISL71090SEH75EV1Z Datasheet
488Kb / 14P
   7.5V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
January 21, 2022
More results

Similar Description - ISL71090SEH75

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL71090SEH12 INTERSIL-ISL71090SEH12 Datasheet
408Kb / 10P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
ISL71090SEH25 INTERSIL-ISL71090SEH25 Datasheet
388Kb / 10P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL71090SEH50 RENESAS-ISL71090SEH50 Datasheet
495Kb / 14P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
May 14, 2021
ISL71091SEH10 RENESAS-ISL71091SEH10 Datasheet
1Mb / 16P
   10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Intersil Corporation
ISL71091SEH20 INTERSIL-ISL71091SEH20 Datasheet
1Mb / 16P
   2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Renesas Technology Corp
ISL71090SEH12 RENESAS-ISL71090SEH12 Datasheet
588Kb / 14P
   1.25V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022
logo
Intersil Corporation
ISL71091SEH33 INTERSIL-ISL71091SEH33 Datasheet
1Mb / 16P
   3.3V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 18, 2016
ISL71091SEH10 INTERSIL-ISL71091SEH10 Datasheet
1Mb / 16P
   10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Renesas Technology Corp
ISL71090SEH25 RENESAS-ISL71090SEH25 Datasheet
498Kb / 14P
   2.5V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022
ISL71091SEH40 RENESAS-ISL71091SEH40 Datasheet
1Mb / 16P
   4.096V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com