Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL71090SEHVX50 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL71090SEHVX50
Description  Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL71090SEHVX50 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL71090SEHVX50 Datasheet HTML 1Page - Intersil Corporation ISL71090SEHVX50 Datasheet HTML 2Page - Intersil Corporation ISL71090SEHVX50 Datasheet HTML 3Page - Intersil Corporation ISL71090SEHVX50 Datasheet HTML 4Page - Intersil Corporation ISL71090SEHVX50 Datasheet HTML 5Page - Intersil Corporation ISL71090SEHVX50 Datasheet HTML 6Page - Intersil Corporation ISL71090SEHVX50 Datasheet HTML 7Page - Intersil Corporation ISL71090SEHVX50 Datasheet HTML 8Page - Intersil Corporation ISL71090SEHVX50 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
DATASHEET
Radiation Hardened Ultra Low Noise, Precision Voltage
Reference
ISL71090SEH50
The ISL71090SEH50 is an ultra low noise, high DC accuracy
precision voltage reference with a wide input voltage range
from 7V to 30V. The ISL71090SEH50 uses the Intersil
Advanced Bipolar technology to achieve 1.1µVP-P noise at
0.1Hz with an accuracy over-temperature of 0.15%.
The ISL71090SEH50 offers a 5.0V output voltage with
10ppm/°C temperature coefficient and also provides
excellent line and load regulation. The device is offered in an
8 Ld Flatpack package.
The ISL71090SEH50 is ideal for high-end instrumentation,
data acquisition and applications requiring high DC precision
where low noise performance is critical.
Applications
• RH voltage regulators precision outputs
• Precision voltage sources for data acquisition system for
space applications
• Strain and pressure gauge for space applications
Related Literature
• AN1847, “ISL71090SEH12EV1Z, ISL71090SEH25EV1Z,
ISL71090SEH50EV1Z, ISL71090SEH75EV1Z User Guide”
• AN1848, “Single Event Effects (SEE) Testing of the
ISL71090SEH Precision Voltage Reference”
• AN1849, “Total Dose Testing of the ISL71090SEH Precision
Voltage Reference”
Features
• Reference output voltage . . . . . . . . . . . . . . . . . . 5.0V ±0.05%
• Accuracy over temperature . . . . . . . . . . . . . . . . . . . . .±0.15%
• Output voltage noise . . . . . .1.1µVP-P typical (0.1Hz to 10Hz)
• Supply current . . . . . . . . . . . . . . . . . . . . . . . . . . 930µA (typical)
• Tempco (box method) . . . . . . . . . . . . . .10ppm/°C maximum
• Output current capability . . . . . . . . . . . . . . . . . . . . . . . . 20mA
• Line regulation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8ppm/V
• Load regulation . . . . . . . . . . . . . . . . . . . . . . . . . . . .10ppm/mA
• Operating temperature range. . . . . . . . . . . .-55°C to +125°C
• Radiation environment
- High dose rate (50-300rad(Si)/s) . . . . . . . . . . . 100krad(Si)
- Low dose rate (0.01rad(Si)/s) . . . . . . . . . . . . . 100krad(Si)*
- SET/SEL/SEB . . . . . . . . . . . . . . . . . . . . . . .86MeV•cm2/mg
*Product capability established by initial characterization. The
“EH” version is acceptance tested on a wafer-by-wafer basis to
50krad(Si) at low dose rate
• Electrically screened to SMD 5962-13211
FIGURE 1. ISL71090SEH50 TYPICAL APPLICATION DIAGRAM
FIGURE 2. VOUT vs TEMPERATURE
0.1µF
VEE
VDD
REFIN
VDD
BIPOFF
VEE
DACOUT
GND
VIN
VREF
1µF
D0
HS-565BRH
1
2
3
4
6
8
7
5
ISL71090SEH50
D12
1.1k
C
NOTE: SELECT C TO MINIMIZE
SETTLING TIME.
DNC
VIN
COMP
GND
DNC
DNC
VOUT
TRIM
1nF
4.998
5.000
5.002
5.004
5.006
5.008
5.010
5.012
-55
-35
-15
5
25
45
65
85
105
125
5.005V +0.1%
5.005V -0.1%
UNIT2
UNIT1
UNIT4
UNIT5
UNIT3
TEMPERATURE (°C)
March 15, 2016
FN8588.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2013, 2016. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL71090SEHVX50

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71090SEHVX50 RENESAS-ISL71090SEHVX50 Datasheet
495Kb / 14P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
May 14, 2021
More results

Similar Description - ISL71090SEHVX50

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL71090SEH12 INTERSIL-ISL71090SEH12 Datasheet
408Kb / 10P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
ISL71090SEH25 INTERSIL-ISL71090SEH25 Datasheet
388Kb / 10P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL71090SEH50 RENESAS-ISL71090SEH50 Datasheet
495Kb / 14P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
May 14, 2021
ISL71091SEH10 RENESAS-ISL71091SEH10 Datasheet
1Mb / 16P
   10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Intersil Corporation
ISL71091SEH20 INTERSIL-ISL71091SEH20 Datasheet
1Mb / 16P
   2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Renesas Technology Corp
ISL71090SEH12 RENESAS-ISL71090SEH12 Datasheet
588Kb / 14P
   1.25V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022
logo
Intersil Corporation
ISL71091SEH33 INTERSIL-ISL71091SEH33 Datasheet
1Mb / 16P
   3.3V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 18, 2016
ISL71091SEH10 INTERSIL-ISL71091SEH10 Datasheet
1Mb / 16P
   10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Renesas Technology Corp
ISL71090SEH25 RENESAS-ISL71090SEH25 Datasheet
498Kb / 14P
   2.5V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022
ISL71091SEH40 RENESAS-ISL71091SEH40 Datasheet
1Mb / 16P
   4.096V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com