Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL70419SEH Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL70419SEH
Description  Radiation Hardened 36V Quad Precision Low Power Operational Amplifier With Enhanced SET Performance
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70419SEH Datasheet(HTML) 4 Page - Intersil Corporation

  ISL70419SEH Datasheet HTML 1Page - Intersil Corporation ISL70419SEH Datasheet HTML 2Page - Intersil Corporation ISL70419SEH Datasheet HTML 3Page - Intersil Corporation ISL70419SEH Datasheet HTML 4Page - Intersil Corporation ISL70419SEH Datasheet HTML 5Page - Intersil Corporation ISL70419SEH Datasheet HTML 6Page - Intersil Corporation ISL70419SEH Datasheet HTML 7Page - Intersil Corporation ISL70419SEH Datasheet HTML 8Page - Intersil Corporation ISL70419SEH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ISL70419SEH
4
July 11, 2014
FN8653.0
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42V
Maximum Supply Voltage (LET = 86.4 MeV
cm2/mg). . . . . . . . . . . . . 36V
Maximum Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Maximum Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V
Min/Max Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
Max/Min Input current for Input Voltage >V+ or <V-. . . . . . . . . . . . . . . . ±20mA
Output Short-Circuit Duration (1 output at a time). . . . . . . . . . . . . . . . Indefinite
ESD Rating
Human Body Model (Tested per MIL-PRF-883 3015.7). . . . . . . . . . . 2kV
Machine Model (Tested per EIA/JESD22-A115-A) . . . . . . . . . . . . . . 200V
Charged Device Model (Tested per JESD22-C101D) . . . . . . . . . . . . 750V
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
14 Ld Flatpack (Notes 3, 4). . . . . . . . . . . . .
35
8
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Maximum Junction Temperature (TJMAX) . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Ambient Operating Temperature Range . . . . . . . . . . . . . .-55°C to +125°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . . . . .+150°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10V (±5V) to 30V (±15V)
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
3.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
4. For
JC, the "case temp" location is the center of the package underside.
Electrical Specifications VS ± 15V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply across the operating
temperature range, -55°C to +125°C; over a total ionizing dose of 300krad(Si) with exposure at a high dose rate of 50 - 300rad(Si)/s; or across a total
ionizing dose of 50krad(Si) with exposure at a low dose rate of <10mrad(Si)/s.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 5)TYP
MAX
(Note 5)UNITS
VOS
Input Offset Voltage
10
85
µV
110
µV
TCVOS
Offset Voltage Drift
guaranteed by characterization not tested
0.1
1
µV/
°C
IB
Input Bias Current
-2.5
0.08
2.5
nA
TA = -55°C to +125°C
-5
5
nA
over high and low dose radiation
-15
15
nA
TCIB
Input Bias Current Temperature
Coefficient
guaranteed by characterization not tested
-5
1
5
pA/°C
IOS
Input Offset Current
-2.5
0.08
2.5
nA
TA = -55°C to +125°C
-3
3
nA
over high and low dose radiation
-10
10
nA
TCIOS
Input Offset Current Temperature
Coefficient
guaranteed by characterization not tested
-3
0.42
3
pA/°C
VCM
Input Voltage Range
guaranteed by CMRR test
-13
13
V
CMRR
Common-Mode Rejection Ratio
VCM = -13V to +13V
120
145
dB
120
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.25V to ±20V
120
145
dB
120
dB
AVOL
Open-Loop Gain
VO = -13V to +13V, RL =10k to ground
3,000
14,000
V/mV
VOH
Output Voltage High
RL = 10k to ground
13.5
13.7
V
13.2
V
RL = 2k to ground
13.3
13.55
V
13.0
V


Similar Part No. - ISL70419SEH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70419SEH RENESAS-ISL70419SEH Datasheet
1Mb / 23P
   Radiation Hardened 36V Quad Precision Low Power Operational Amplifiers with Enhanced SET Performance
Nov 21, 2019
ISL70419SEHEV1Z RENESAS-ISL70419SEHEV1Z Datasheet
1Mb / 23P
   Radiation Hardened 36V Quad Precision Low Power Operational Amplifiers with Enhanced SET Performance
Nov 21, 2019
ISL70419SEHF/PROTO RENESAS-ISL70419SEHF/PROTO Datasheet
1Mb / 23P
   Radiation Hardened 36V Quad Precision Low Power Operational Amplifiers with Enhanced SET Performance
Nov 21, 2019
ISL70419SEHVF RENESAS-ISL70419SEHVF Datasheet
1Mb / 23P
   Radiation Hardened 36V Quad Precision Low Power Operational Amplifiers with Enhanced SET Performance
Nov 21, 2019
ISL70419SEHVX RENESAS-ISL70419SEHVX Datasheet
1Mb / 23P
   Radiation Hardened 36V Quad Precision Low Power Operational Amplifiers with Enhanced SET Performance
Nov 21, 2019
More results

Similar Description - ISL70419SEH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70419SEH RENESAS-ISL70419SEH Datasheet
1Mb / 23P
   Radiation Hardened 36V Quad Precision Low Power Operational Amplifiers with Enhanced SET Performance
Nov 21, 2019
ISL70219ASEH RENESAS-ISL70219ASEH Datasheet
6Mb / 25P
   40V Radiation Hardened and SET Enhanced, Precision Low-Power Operational Amplifier
Jun 11, 2018
ISL70227SEH RENESAS-ISL70227SEH Datasheet
1Mb / 18P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SRH RENESAS-ISL70227SRH Datasheet
1Mb / 14P
   36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
logo
Intersil Corporation
HS-2700RH INTERSIL-HS-2700RH Datasheet
92Kb / 6P
   Low Power, High Performance Radiation Hardened Operational Amplifier
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
logo
Intersil Corporation
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH-T INTERSIL-HS-5104ARH-T Datasheet
24Kb / 2P
   Radiation Hardened Low Noise Quad Operational Amplifier
logo
Texas Instruments
OPA4277-SP TI-OPA4277-SP_19 Datasheet
479Kb / 25P
[Old version datasheet]   Radiation Hardened High-Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com