Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL70244SEHF Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL70244SEHF
Description  19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70244SEHF Datasheet(HTML) 2 Page - Intersil Corporation

  ISL70244SEHF Datasheet HTML 1Page - Intersil Corporation ISL70244SEHF Datasheet HTML 2Page - Intersil Corporation ISL70244SEHF Datasheet HTML 3Page - Intersil Corporation ISL70244SEHF Datasheet HTML 4Page - Intersil Corporation ISL70244SEHF Datasheet HTML 5Page - Intersil Corporation ISL70244SEHF Datasheet HTML 6Page - Intersil Corporation ISL70244SEHF Datasheet HTML 7Page - Intersil Corporation ISL70244SEHF Datasheet HTML 8Page - Intersil Corporation ISL70244SEHF Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ISL70244SEH
2
FN8592.2
September 1, 2016
Submit Document Feedback
Pin Configuration
ISL70244SEH
(10 LD FLATPACK)
TOP VIEW
10
9
8
7
6
2
3
4
5
1
OUTA
-INA
+INA
NC
V-
V+
OUTB
-INB
+INB
LID
+
-
+ -
Pin Descriptions
PIN NUMBER
PIN NAME
EQUIVALENT ESD CIRCUIT
DESCRIPTION
5V-
Circuit 3
Negative power supply
7+INB
Circuit 1
Amplifier B noninverting input
8-INB
Circuit 1
Amplifier B inverting input
9
OUTB
Circuit 2
Amplifier B output
10
V+
Circuit 3
Positive power supply
1
OUTA
Circuit 2
Amplifier A output
2-INA
Circuit 1
Amplifier A inverting input
4
NC
-
This pin is not electrically connected internally.
3+INA
Circuit 1
Amplifier A noninverting input
6
LID
NA
Unbiased, tied to package lid
V+
V-
OUT
V+
V-
CAPACITIVELY
TRIGGERED ESD
CLAMP
-IN
V+
V-
+IN
600Ω
600Ω
FIGURE 3. CIRCUIT 1
FIGURE 3. CIRCUIT 2
FIGURE 3. CIRCUIT 3


Similar Part No. - ISL70244SEHF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70244SEH RENESAS-ISL70244SEH Datasheet
1Mb / 25P
   19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier
Dec 2, 2020
More results

Similar Description - ISL70244SEHF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70244SEH RENESAS-ISL70244SEH Datasheet
1Mb / 25P
   19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier
Dec 2, 2020
ISL70444SEH RENESAS-ISL70444SEH Datasheet
1Mb / 26P
   19MHz Radiation Hardened 40V Quad Rail-to-Rail Input - Output, Low-Power Operational Amplifiers
Apr 15, 2021
ISL71444M RENESAS-ISL71444M Datasheet
1Mb / 30P
   19MHz 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifier
Nov.6.20
logo
Intersil Corporation
ISL70444SEH INTERSIL-ISL70444SEH Datasheet
1Mb / 23P
   19MHz Rad Hard 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifiers
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
logo
New Japan Radio
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
   Rail-to-Rail Input/Output Dual Operational Amplifier
logo
Renesas Technology Corp
ISL70218SEH RENESAS-ISL70218SEH Datasheet
918Kb / 23P
   Radiation Hardened Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Jun 12, 2020
logo
E-CMOS Corporation
EC5758 E-CMOS-EC5758 Datasheet
812Kb / 12P
   1MHz, Low Power, CMOS, EMI Hardened, Rail-to-Rail Dual Operational Amplifier
logo
Texas Instruments
OPA810 TI1-OPA810 Datasheet
644Kb / 21P
[Old version datasheet]   OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com