Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

H-XX-QMOD-YY Datasheet(PDF) 1 Page - THOR communications

Part No. H-XX-QMOD-YY
Description  HDMI to COAX Modulator
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  THOR [THOR communications]
Homepage  http://www.thorfiber.com
Logo THOR - THOR communications

H-XX-QMOD-YY Datasheet(HTML) 1 Page - THOR communications

  H-XX-QMOD-YY Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
H-XX-QMOD-YY-ZZ
Compact - HDMI, YPbPr,CVBS or USB RF Modulator
with AC3 Audio and Low Latency (model dependent)
Features:
-HDMI Input up to 1.5A @1080p60
-HDCP licensed
-Play any recorded TS file from USB Drive
-1 HDTV Carrier RF Output full HD 1080p60
-Record Live HD Video Input to USB TS File
-Loop content from USB drive continuously
-1 HDTV Carrier RF Output full HD 1080p60
-Record Live HD Video Input to USB TS File
-Loop content from USB drive continuously
-AC3 Audio Encoding Available (model specific)
-Low latency (model number specific)
-HDMI Cable included
Product Information Datasheet
www.thorbroadcast.com
sales@thorfiber.com
Tel (800)-521-8467
Product Specifications
Input
HDMI 1.5a up to 1080P60 , HDCP compliant
RGB Component YPbPr, Analog Audio
Supported Resolutions
1280x720P 60 / 59.94 / 50 Hz
1920x1080I 60 / 59.94 / 50 Hz
1920x1080P 60 / 59.94 / 50 Hz - H.264
Codec ONLY Video Codecs
MPEG-2 HD 1.5-19.5 MbpsH.264 HD 0.8-19.5 Mbps
Audio Codecs
MPEG-1 Layer IIMPEG-2 AAC Dolby AC/3 (Model Specific)
Audio Sample Rate
48 kHz
Audio Bit Rates
64 kbps96 kbps128 kbps192 kbps256 kbps320 kbps
RF Frequency Range
50-960 MHz 1 KHz Step
RF Power Level
15-43 dBmV Adjustable
Power Input
100-240 VAC Auto Switching~ 20 W
Weight
0.75 kg
Modulation Types
DVB-C QAM, ATSC, DVB-T,ISDB-T (firmware specific)
Thor CMOD series compact HDTV digital channel modulator with licensed Dolby AC/3 encoding
chip. Supports full HD encoding in MPEG-2 or H.264 formats on HDMI & component inputs.
USB DVR and looping file based playout supported.
Different firmware available for different RF standards : DVB-C, QAM, ATSC, DVB-T,ISDB-T
HDMI Licensed so you can connect any of devices via included HDMI cable
Models Selection :H-XX-QMOD-YY-ZZ
XX-Audio codec AC3, MPEG2.MPEG1
YY-Modulation Type : QAM, ATSC, DVB-,ISDB-T
ZZ-Low Latency : LL
HDMI to COAX Modulator
Front View
Rear View


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn