Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F-8V16A Datasheet(PDF) 1 Page - THOR communications

Part # F-8V16A
Description  We offer both off the shelf and custom solutions for video transmission over fiber
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-8V16A Datasheet(HTML) 1 Page - THOR communications

  F-8V16A Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet: F-8V16A
We offer both off the shelf and custom
solutions for video transmission over
fiber. Our fiber optics video converters
are ideal for multiplexing up to 32
composite video channels and 64 audio
channels over fiber. We also offer bi-directional transport of signals in both directions over a single
fiber. The F-8V16A is a video multiplexer and video to fiber system that carries 8 channel of
composite video and 16 channels of audio over a single fiber. The video and audio signals are
transported by 10 bit digital transmission techniques which eliminates signal degradation. Our units
work with standard singlemode or multimode optical fiber with fiber optic transmission distances of up
to 120 km when used with singlemode fiber.
Typical F-8V16A Application
Technical Specifications
Standards:
NTSC, PAL, SECAM
Channels:
8 Baseband Video & 16 Audio
Video Bandwidth
10Hz – 6.5MHz
SNR/dP/dG
67 dB < 1 deg / < 0.5%
Video Input
1 Vp-p 75 ohm
Audio
Terminal Block, 600 ohm
Optical Wavelength
1310nm – 40 Km
1550nm – 80Km
CWDM, DWDM - 80Km, 120Km
Tx Output Power
-5 dBm
Rx Sensitivity
-30 dBm
Saturation
No
Operating Temp:
0 – 50 (°C)
Storage Temp:
-20 – 70 (°C)
Operating Humidity:
0 – 90 (%)
Storage Humidity:
0 – 90 (%)
Power Requirements:
110/240V Auto Sense
Dimensions:
480mmX225mmX44mm
Video/Audio Out
PN: F-8V16A-T
Video/Audio In
PN: F-8V16A-R
© 2013 Thor Broadcast – All rights reserved.
Contact: Sales@thorfiber.com 1-800-521-8467


Similar Part No. - F-8V16A

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
F-8038 BUD-F-8038 Datasheet
13Kb / 1P
   RUBBER FOOT
logo
List of Unclassifed Man...
F-81 ETC-F-81 Datasheet
609Kb / 2P
   The first & most popular patented high-performance design
logo
TRIAD MAGNETICS
F-8X TRIAD-F-8X Datasheet
241Kb / 3P
   ChassisMount SingleSecondary
F-8X TRIAD-F-8X_13 Datasheet
40Kb / 1P
   Chassis Mount: Single Secondary
More results

Similar Description - F-8V16A

ManufacturerPart #DatasheetDescription
logo
THOR communications
F-2V4A THOR-F-2V4A Datasheet
1Mb / 1P
   We offer both off the shelf and custom solutions for video transmission over fiber.
F-4V8A THOR-F-4V8A Datasheet
1Mb / 1P
   We offer both off the shelf and custom solutions for video transmission over fiber.
F-16V32A THOR-F-16V32A Datasheet
3Mb / 1P
   We offer both off the shelf and custom solutions for video transmission over fiber.
F-1V2A1ASI THOR-F-1V2A1ASI Datasheet
1Mb / 1P
   We offer off the shelf and custom solutions for multiplexing many types of signals onto a single fiber.
logo
SUNNY Computer Technolo...
YSDH240 SUNNY-YSDH240 Datasheet
277Kb / 6P
   The series offer diverse solutions for demanding automation around the world
YSDH480 SUNNY-YSDH480 Datasheet
297Kb / 7P
   The series offer diverse solutions for demanding automation around the world.
logo
Ultralife Corporation.
UBBL21 ULTRALIFE-UBBL21 Datasheet
508Kb / 2P
   Off-the-shelf convenience
Rev: F
UBBL24 ULTRALIFE-UBBL24 Datasheet
161Kb / 2P
   Off-the-shelf convenience
Rev: H
UBBL26 ULTRALIFE-UBBL26 Datasheet
159Kb / 2P
   Off-the-shelf convenience
Rev: D
UBBL22 ULTRALIFE-UBBL22 Datasheet
319Kb / 2P
   Off-the-shelf convenience
Rev: F
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com