Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL70003SEHX Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL70003SEHX
Description  Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70003SEHX Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL70003SEHX Datasheet HTML 6Page - Intersil Corporation ISL70003SEHX Datasheet HTML 7Page - Intersil Corporation ISL70003SEHX Datasheet HTML 8Page - Intersil Corporation ISL70003SEHX Datasheet HTML 9Page - Intersil Corporation ISL70003SEHX Datasheet HTML 10Page - Intersil Corporation ISL70003SEHX Datasheet HTML 11Page - Intersil Corporation ISL70003SEHX Datasheet HTML 12Page - Intersil Corporation ISL70003SEHX Datasheet HTML 13Page - Intersil Corporation ISL70003SEHX Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ISL70003SEH
10
FN8604.5
May 12, 2016
Submit Document Feedback
POWER-ON RESET
POR Pin Input Voltage
0.56
0.6
0.64
V
POR Sink Current
9.6
12
14.4
µA
ENABLE
Enable VIH Voltage
2
V
Enable VIL Voltage
0.8
V
Enable (EN) Leakage
EN = 4.5V
1.0
10
µA
SELECT PHASE
SEL 1, 2 VIH Voltage
2
V
SEL 1, 2 VIL Voltage
0.8
V
SEL 1, 2 Leakage Current
SEL1, 2 = VREFD
1.0
10
µA
PWM CONTROL LOGIC
Switching Frequency
FSEL = 1
255
300
345
kHz
FSEL = 0
425
500
575
kHz
Minimum On Time
SS = GND (Note 14)
250
320
ns
Minimum On Time
(Note 14)160
220
ns
Minimum Off Time
(Note 14)
200
270
ns
Modulator Gain (VIN /ΔVOSC)RT = 22kΩ, CT = 370pF, FSEL = 0
5
V/V
RT = 36kΩ, CT = 370pF, FSEL = 1
4.8
V/V
External Synchronization Frequency Range FSEL = 1, PVINx = 3.0V
255
300
345
kHz
FSEL = 0, PVINx = 3.0V
425
500
575
kHz
SYNC VIH Voltage
2
V
SYNC VIL Voltage
0.8
V
Synchronization Input Leakage Current
SYNC = VREFD
1.0
4
µA
SOFT-START
Soft-start Source Current
SS = GND
20
23
27
µA
Soft-start Discharge ON-Resistance
3.0
6.0
Ω
Soft-start Discharge Time
(Note 14)
256
Clock Cycles
REFERENCE VOLTAGE
Reference Voltage Tolerance
VREF + Error Amplifier VIO
0.594
0.6
0.606
V
ERROR AMPLIFIER
DC Gain
(Note 14)80
dB
Gain-bandwidth Product
(Note 14)7
MHz
Maximum Output Voltage
VIN = 5.5V
3.5
4.2
V
Slew Rate
(Note 14)8.5
V/µs
Feedback (FB) Input Leakage Current
VFB = 0.6V, PVINx = 13.2V
250
nA
Offset Voltage (VIO)
-3
0
3
mV
Electrical Specifications Unless otherwise noted, VIN = AVDD = DVDD = PVINx = EN = 3V - 13.2V; GND = AGND = DGND = PGNDx =
GNDx = 0V; POR_VIN = FB = 0.65V; SYNC = LXx = Open Circuit; PGOOD is pulled up to VREFD with a 3k resistor; REF is bypassed to GND with a 220nF
capacitor; SS is bypassed to GND with a 100nF capacitor; IOUT = 0A; TA = TJ = +25°C. (Note 4). Boldface limits apply across the operating temperature
range, -55°C to +125°C; over a total ionizing dose of 100krad(Si) with exposure at a high dose rate of 50 - 300rad(Si)/s; or over a total ionizing dose of
50krad(Si) with exposure at a low dose rate of <10mrad(Si)/s. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 15)TYP
MAX
(Note 15)UNITS


Similar Part No. - ISL70003SEHX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70003SEHX/SAMPLE RENESAS-ISL70003SEHX/SAMPLE Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
More results

Similar Description - ISL70003SEHX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
   Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
   Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
ISL70003ASEH INTERSIL-ISL70003ASEH Datasheet
2Mb / 36P
   Radiation and SEE Tolerant 3V to 13.2V, 9A Buck Regulator
August 5, 2015
logo
Renesas Technology Corp
ISL70002SEH RENESAS-ISL70002SEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
   Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
logo
Intersil Corporation
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com