Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL58327 Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL58327
Description  Wide Optical Spectrum Laser Power Monitor IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL58327 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL58327 Datasheet HTML 7Page - Intersil Corporation ISL58327 Datasheet HTML 8Page - Intersil Corporation ISL58327 Datasheet HTML 9Page - Intersil Corporation ISL58327 Datasheet HTML 10Page - Intersil Corporation ISL58327 Datasheet HTML 11Page - Intersil Corporation ISL58327 Datasheet HTML 12Page - Intersil Corporation ISL58327 Datasheet HTML 13Page - Intersil Corporation ISL58327 Datasheet HTML 14Page - Intersil Corporation ISL58327 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ISL58327
13
FN6577.2
July 29, 2013
Serial Interface Protocol
I2C Interface
The device address of the I2C bus of the ISL58327 is a
7 bits fixed address 0011_10(A0)xb, where (A0) can be hard
wired. Note that (A0) is internally pulled down. When
001110(A0)x with x as R or W is sent after the Start condition, this
device compares the first seven bits of this byte to its address and
matches. Since SCL and SDA lines of the I2C bus are either open
collector or open drain, 2 pull-up resistors (Rp)on bus for SCL and
SDA are necessary. To minimize crosstalk and to minimize
spikes, a serial termination resister (Rs) close to the SCL and SDA
lines are important for each device on the I2C bus. The value of
Rp and Rs is determined according to the maximum sink current
of the device, supply voltage, bus capacitance, and the number
of devices on the bus. Even though the maximum bus
capacitance of the fast mode specified in the I2C bus is 400pF, it
is always recommended to reduce bus capacitance to get better
signal quality.
Figure 4 shows a sample one-byte read. Figure 5 shows a sample
one-byte write. For more information about the I2C standard,
please consult the Philips™ I2C specification documents.
FIGURE 4. I2C READ TIMING DIAGRAM SAMPLE
START
W A
A
A6 A5 A4 A3 A2 A1 A0 W A R7 R6 R5 R4 R3 R2 R1 R0 A
A6 A5 A4 A3 A2 A1 A0 W A
A
A
A D7 D6 D5 D4 D3D2 D1D0
13
5
7
13
57
12 3
4 5
6
9
2
4
6
STOP START
SDA DRIVEN BY MASTER
DEVICE ADDRESS
SDA DRIVEN BY ISL58327
DATA BYTE0
REGISTER ADDRESS
OUT
DEVICE ADDRESS
I2C DATA
SDA DRIVEN BY MASTER
SDA DRIVEN BY MASTER
24
68 9
2
468 9
7
8
1
357 8
9
I2C SDA
I2C SDA
I2C CLK
IN
FIGURE 5. I2C WRITE TIMING DIAGRAM SAMPLE
START
W
A
A
A6 A5 A4 A3 A2 A1 A0
W
A
R7R6R5R4R3R2R1R0
A
B7 B6 B5 B4 B3 B2 B1 B0
A
A
1
2
6
1
5
948
STOP
SDA DRIVEN BY MASTER
FUNCTIONS
REGISTER ADDRESS
DEVICE ADDRESS
SDA DRIVEN BY MASTER
SDA DRIVEN BY MASTER
I2C DATA
I2C SDA IN
I2C SDA OUT
I2C CLK IN
AA
34
5
7
8
9
2
3
4
6
7
8
1
2
3
5
6
7
9
A


Similar Part No. - ISL58327

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL58327 RENESAS-ISL58327 Datasheet
650Kb / 15P
   Wide Optical Spectrum Laser Power Monitor IC
ISL58327CIZ-T7 RENESAS-ISL58327CIZ-T7 Datasheet
650Kb / 15P
   Wide Optical Spectrum Laser Power Monitor IC
ISL58327CIZ-T7A RENESAS-ISL58327CIZ-T7A Datasheet
650Kb / 15P
   Wide Optical Spectrum Laser Power Monitor IC
More results

Similar Description - ISL58327

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL58333_1110 INTERSIL-ISL58333_1110 Datasheet
89Kb / 2P
   Wide Optical Spectrum Laser Power Monitor IC
ISL58333 INTERSIL-ISL58333 Datasheet
139Kb / 2P
   Wide Optical Spectrum Laser Power Monitor IC
logo
Renesas Technology Corp
ISL58327 RENESAS-ISL58327 Datasheet
650Kb / 15P
   Wide Optical Spectrum Laser Power Monitor IC
ISL58334 RENESAS-ISL58334 Datasheet
196Kb / 2P
   3V Wide Optical Spectrum Laser Power Monitor IC
ISL58328 RENESAS-ISL58328 Datasheet
634Kb / 14P
   5V Wide Optical Spectrum Laser Power Monitor IC
logo
ON Semiconductor
ENA1919 ONSEMI-ENA1919 Datasheet
108Kb / 9P
   Front Monitor OE-IC for Optical Pickups
June, 2013
logo
Rohm
BH1790GLC ROHM-BH1790GLC Datasheet
1Mb / 26P
   Optical Sensor for Heart Rate Monitor IC
BH1792GLC ROHM-BH1792GLC Datasheet
2Mb / 31P
   Optical Sensor for Heart Rate Monitor IC
logo
KODENSHI_AUK CORP.
KOM-1020 KODENSHI-KOM-1020 Datasheet
243Kb / 1P
   Power Monitor IC
logo
ON Semiconductor
ENA1823 ONSEMI-ENA1823 Datasheet
100Kb / 7P
   Front Monitor OE-IC for Optical Pickups
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com