Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29501-CS-EVKIT1Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL29501-CS-EVKIT1Z
Description  Time of Flight (ToF) Signal Processing IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29501-CS-EVKIT1Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL29501-CS-EVKIT1Z Datasheet HTML 1Page - Intersil Corporation ISL29501-CS-EVKIT1Z Datasheet HTML 2Page - Intersil Corporation ISL29501-CS-EVKIT1Z Datasheet HTML 3Page - Intersil Corporation ISL29501-CS-EVKIT1Z Datasheet HTML 4Page - Intersil Corporation ISL29501-CS-EVKIT1Z Datasheet HTML 5Page - Intersil Corporation ISL29501-CS-EVKIT1Z Datasheet HTML 6Page - Intersil Corporation ISL29501-CS-EVKIT1Z Datasheet HTML 7Page - Intersil Corporation ISL29501-CS-EVKIT1Z Datasheet HTML 8Page - Intersil Corporation ISL29501-CS-EVKIT1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ISL29501
5
FN8681.3
June 29, 2016
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.2V to 4V
Voltage on All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . (-0.3V to VCC) + 0.3V
ESD Rating
Human Body Model (Tested per JESD22-A114E) (Note 6) . . . . . . . . 2kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . 200V
Latch-Up (Tested per JESD-78C; Class 2, Level A) . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
QFN Package (Notes 4, 5) . . . . . . . . . . . . .
35
1.2
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 3.3V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
6. ESD HBM passed 2kV with exception to pins IRQ and SDA, which passed 1kV.
Electrical Specifications Unless otherwise indicated, all the following tables are at DVCC, AVCC and EVCC at 3V, TA = +25°C, Boldface
limits apply across the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNIT
SENSOR PARAMETERS
Modulation Frequency
fmod
Modulation frequency of emitter
4.45
4.5
4.65
MHz
Chip Power Supply
DVCC, AVCC,
EVCC
2.7
3.0
3.3
V
Delay From Chip Enable to First Sample
tcen_fs
Note 7
500
µs
Delay between Sleep Mode to Start of First Sample
tsleep_fs
Note 7
3
µs
Quiescent Current - Sleep Mode, DVCC+AVCC+EVCC
IS-HS
CEn = 1; I2C disable; register values are
retained; SS = SDA = SCL = VCC
2.5
µA
Quiescent Current - Shutdown, DVCC+AVCC+EVCC
IS-SD
CEn = 0; I2C enable; register values are
retained; all other functions are disabled
1
µA
Chip Current While Measuring, DVCC+AVCC+EVCC
IDDact
Emitter duty cycle = 50%, 0x90 = 06h,
0x91 = 00h
55
mA
AFE SPECIFICATIONS
Maximum AFE Input Current PDp/PDn
Imax_PD
Design recommendation
12.8
µA
Voltage at PDp
VPDp
1.7
V
Voltage at PDn
VPDn
0.75
V
Low Noise Amplifier
LNA
Provides unity gain
1x
N/A
Differential I to V Conversion Range
TIA Gain
0x97[0:1], b0 = 0 and b1 = 0 default
8k
Maximum Photodiode Capacitance Recommended
Cmax
Design recommendation
15
pF


Similar Part No. - ISL29501-CS-EVKIT1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29501-CS-EVKIT1Z RENESAS-ISL29501-CS-EVKIT1Z Datasheet
1Mb / 22P
   Time of Flight (ToF) Signal Processing IC
ISL29501-CS-EVKIT1Z RENESAS-ISL29501-CS-EVKIT1Z Datasheet
1,011Kb / 23P
   Time of Flight (ToF) Signal Processing IC
Mar 17, 2022
More results

Similar Description - ISL29501-CS-EVKIT1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29501 INTERSIL-ISL29501_15 Datasheet
120Kb / 2P
   Time of Flight (ToF) Signal Processing IC
October 7, 2015
logo
Renesas Technology Corp
ISL29501 RENESAS-ISL29501 Datasheet
1Mb / 22P
   Time of Flight (ToF) Signal Processing IC
ISL29501 RENESAS-ISL29501_V01 Datasheet
1,011Kb / 23P
   Time of Flight (ToF) Signal Processing IC
Mar 17, 2022
logo
STMicroelectronics
VL53L8CH STMICROELECTRONICS-VL53L8CH Datasheet
3Mb / 44P
   Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
DS14310 - Rev 3
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Infineon Technologies A...
IRS1010C INFINEON-IRS1010C Datasheet
379Kb / 2P
   Most integrated and sophisticated Time-of-Flight (ToF) imager available on the market.
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
logo
Texas Instruments
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com