Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL91110IIAZ-T7A Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL91110IIAZ-T7A
Description  High Efficiency Buck-Boost Regulator with 4.5A Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL91110IIAZ-T7A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL91110IIAZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL91110IIAZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL91110IIAZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL91110IIAZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL91110IIAZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL91110IIAZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL91110IIAZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL91110IIAZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL91110IIAZ-T7A Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ISL91110
10
FN8434.4
February 5, 2016
Submit Document Feedback
Inductor Selection
An inductor with high frequency core material (e.g., ferrite core)
should be used to minimize core losses and provide good
efficiency. The inductor must be able to handle the peak
switching currents without saturating.
A 1µH inductor with ≥4A saturation current rating is
recommended. Select an inductor with low DCR to provide good
efficiency. In applications where radiated noise must be
minimized, a toroidal or shielded inductor can be used.
PVIN and VOUT Capacitor Selection
The input and output capacitors should be ceramic X5R type with
low ESL and ESR. The recommended input capacitor value is
2x10µF. The recommended VOUT capacitor value is 2x22µF.
Recommended PCB Layout
Correct PCB layout is critical for proper operation of the
ISL91110. The input and output capacitors should be positioned
as closely to the IC as possible. The ground connections of the
input and output capacitors should be kept as short as possible,
and should be on the component layer to avoid problems that are
caused by high switching currents flowing through PCB vias.
TABLE 2. INDUCTOR VENDOR INFORMATION
MANUFACTURER
MFR. PART NUMBER
DESCRIPTION
DIMENSION (mm)
WEBSITE
Toko
1277AS-H-1R0M
1µH, 20%, DCR = 34mΩ
typIsat = 4.6A (typ) 3.2x2.5x1.2
www.toko.com
FDSD0312-H-1R0M
1µH, 20%, DCR = 43mΩ
typIsat = 4.5A (typ) 3.2x3.0x1.2
Coilcraft
XFL4020-102ME
1µH, 20%, DCR = 11mΩ
typIsat = 5.1A (typ) 4.0x4.0x2.1
www.coilcraft.com
TABLE 3. CAPACITOR VENDOR INFORMATION
MANUFACTURER
SERIES
WEBSITE
AVX
X5R
www.avx.com
Murata
X5R
www.murata.com
Taiyo Yuden
X5R
www.t-yuden.com
TDK
X5R
www.tdk.com


Similar Part No. - ISL91110IIAZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL91110IIAZ-T7A RENESAS-ISL91110IIAZ-T7A Datasheet
797Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
More results

Similar Description - ISL91110IIAZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL91127IR RENESAS-ISL91127IR Datasheet
984Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Intersil Corporation
ISL91127 INTERSIL-ISL91127 Datasheet
117Kb / 2P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91128 INTERSIL-ISL91128 Datasheet
121Kb / 2P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Renesas Technology Corp
ISL91127 RENESAS-ISL91127 Datasheet
1Mb / 13P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91110 RENESAS-ISL91110 Datasheet
797Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Intersil Corporation
ISL91127IR INTERSIL-ISL91127IR Datasheet
751Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Renesas Technology Corp
ISL91128 RENESAS-ISL91128 Datasheet
999Kb / 17P
   High Efficiency Buck-Boost Regulator with 4.5A Switches and I2C Interface
logo
Intersil Corporation
ISL91107IR INTERSIL-ISL91107IR Datasheet
608Kb / 13P
   High Efficiency Buck-Boost Regulator with 4.1A Switches
logo
Renesas Technology Corp
ISL91107IR RENESAS-ISL91107IR Datasheet
808Kb / 13P
   High Efficiency Buck-Boost Regulator with 4.1A Switches
logo
Maxim Integrated Produc...
MAX77816 MAXIM-MAX77816_V01 Datasheet
1Mb / 30P
   High-Efficiency Buck-Boost Regulator with 5A Switches
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com