Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL91110IIAZ-T7A Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL91110IIAZ-T7A
Description  High Efficiency Buck-Boost Regulator with 4.5A Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL91110IIAZ-T7A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL91110IIAZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL91110IIAZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL91110IIAZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL91110IIAZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL91110IIAZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL91110IIAZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL91110IIAZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL91110IIAZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL91110IIAZ-T7A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ISL91110
6
FN8434.4
February 5, 2016
Submit Document Feedback
Typical Performance Curves Unless otherwise noted, operating conditions are: T
A = +25°C, VIN = EN = 3.6V, L = 1µH,
C1 = 2x10µF, C2 = 2x22µF, VOUT = 3.3V, IOUT = 0A to 3A
FIGURE 4. EFFICIENCY vs INPUT VOLTAGE
FIGURE 5. OUTPUT VOLTAGE vs LOAD CURRENT
FIGURE 6. QUIESCENT CURRENT vs INPUT VOLTAGE (VOUT = 3.3V,
MODE = HIGH)
FIGURE 7. SWITCHING FREQUENCY vs INPUT VOLTAGE
FIGURE 8. STEADY-STATE OPERATION IN PFM (VIN = 4V,
VOUT =3.3V, NO LOAD)
FIGURE 9. STEADY-STATE OPERATION IN PWM (VIN = 3.3V,
VOUT =3.3V, NO LOAD)
80
82
84
86
88
90
92
94
96
98
100
2
345
VIN (V)
LOAD = 10mA
LOAD = 1000mA
LOAD = 500mA
LOAD = 100mA
3.26
3.27
3.28
3.29
3.30
3.31
3.32
1
10
100
1000
LOAD CURRENT (mA)
VIN = 3.0V
VIN = 3.6V
VIN = 2.5V
VIN = 4.0V
VIN = 4.5V
TA = -40°C
TA = +25°C
TA = +85°C
0
10
20
30
40
50
60
70
80
1.5
2.5
3.5
4.5
5.5
VIN (V)
2.25
2.30
2.35
2.40
2.45
2.50
2.55
1.5
2.5
3.5
4.5
5.5
VIN (V)
LX1 (2V/DIV)
LX2 (2V/DIV)
VOUT (AC, 50mV/DIV)
IL (500mA/DIV)
400ns/DIV
400ns/DIV
LX1 (2V/DIV)
LX2 (2V/DIV)
VOUT (AC, 10mV/DIV)
IL (200mA/DIV)


Similar Part No. - ISL91110IIAZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL91110IIAZ-T7A RENESAS-ISL91110IIAZ-T7A Datasheet
797Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
More results

Similar Description - ISL91110IIAZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL91127IR RENESAS-ISL91127IR Datasheet
984Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Intersil Corporation
ISL91127 INTERSIL-ISL91127 Datasheet
117Kb / 2P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91128 INTERSIL-ISL91128 Datasheet
121Kb / 2P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Renesas Technology Corp
ISL91127 RENESAS-ISL91127 Datasheet
1Mb / 13P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91110 RENESAS-ISL91110 Datasheet
797Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Intersil Corporation
ISL91127IR INTERSIL-ISL91127IR Datasheet
751Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Renesas Technology Corp
ISL91128 RENESAS-ISL91128 Datasheet
999Kb / 17P
   High Efficiency Buck-Boost Regulator with 4.5A Switches and I2C Interface
logo
Intersil Corporation
ISL91107IR INTERSIL-ISL91107IR Datasheet
608Kb / 13P
   High Efficiency Buck-Boost Regulator with 4.1A Switches
logo
Renesas Technology Corp
ISL91107IR RENESAS-ISL91107IR Datasheet
808Kb / 13P
   High Efficiency Buck-Boost Regulator with 4.1A Switches
logo
Maxim Integrated Produc...
MAX77816 MAXIM-MAX77816_V01 Datasheet
1Mb / 30P
   High-Efficiency Buck-Boost Regulator with 5A Switches
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com