Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL91110IINZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL91110IINZ-T
Description  High Efficiency Buck-Boost Regulator with 4.5A Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL91110IINZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL91110IINZ-T Datasheet HTML 1Page - Intersil Corporation ISL91110IINZ-T Datasheet HTML 2Page - Intersil Corporation ISL91110IINZ-T Datasheet HTML 3Page - Intersil Corporation ISL91110IINZ-T Datasheet HTML 4Page - Intersil Corporation ISL91110IINZ-T Datasheet HTML 5Page - Intersil Corporation ISL91110IINZ-T Datasheet HTML 6Page - Intersil Corporation ISL91110IINZ-T Datasheet HTML 7Page - Intersil Corporation ISL91110IINZ-T Datasheet HTML 8Page - Intersil Corporation ISL91110IINZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
DATASHEET
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2013, 2014, 2016. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91110
The ISL91110 is a high-current buck-boost switching regulator
for systems using new battery chemistries. It uses Intersil’s
proprietary buck-boost algorithm to maintain voltage regulation
while providing excellent efficiency and very low output voltage
ripple when the input voltage is close to the output voltage.
The ISL91110 is capable of delivering at least 2A continuous
output current (VOUT = 3.3V) over a battery voltage range of 2.5V
to 4.35V. This maximizes the energy utilization of advanced
single-cell Li-ion battery chemistries that have significant
capacity left at voltages below the system voltage. Its fully
synchronous low ON-resistance 4-switch architecture and a low
quiescent current of only 35µA optimize efficiency under all load
conditions.
The ISL91110 supports standalone applications with a fixed 3.3V
or 3.5V output voltage or adjustable output voltage with an
external resistor divider. Output voltages as low as 1.0V or as
high as 5.2V are supported.
The ISL91110 is available in a 25-bump, 0.4mm pitch WLCSP
(2.33mmx2.07mm) and a 2.5MHz switching frequency, which
further reduces the size of external components.
Features
• Accepts input voltages above or below regulated output
voltage
• Automatic and seamless transitions between buck and boost
modes
• Input voltage range: 1.8V to 5.5V
• Output current: up to 2A (PVIN = 2.5V, VOUT = 3.3V)
• Burst current: up to 3A (PVIN = 3V, VOUT = 3.3V, tON < 600µs,
t = 4.6ms)
• High efficiency: up to 96%
• 35µA quiescent current maximizes light-load efficiency
• 2.5MHz switching frequency minimizes external component
size
• Fully protected for short-circuit, over-temperature, and
undervoltage
• Small 2.33mmx2.07mm WLCSP
Applications
• Brownout free system voltage for smartphones and tablet PCs
• Wireless communication devices
• 2G/3G/4G RF power amplifiers
Related Literature
• AN1912 “ISL91110IIN-EVZ, ISL91110II2A-EVZ,
ISL91110IIA-EVZ Evaluation Boards”
FIGURE 1. TYPICAL APPLICATION: VOUT = 3.3V
FIGURE 2. EFFICIENCY: VOUT = 3.3V, TA = +25°C
PVIN
VIN = 1.8V TO 5.5V
VOUT = 3.3V
IOUT = UP TO 3A
ISL911 10IINZ
VIN
EN
LX1
LX2
VOUT
FB
C1
2x10µF
L1
1µH
C2
2x22µF
MODE
NOTE: Confirm w ith Intersil Applica tions E ngine er for any de via tion
from a bove circ uit
75
80
85
90
95
100
1
10
100
1000
LOAD CURRENT (mA)
VIN = 3.3V
VIN = 4.0V
VIN = 3.6V
VIN = 3.0V
VIN = 2.5V
February 5, 2016
FN8434.4


Similar Part No. - ISL91110IINZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL91110IINZ-T RENESAS-ISL91110IINZ-T Datasheet
797Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91110IINZ-T7A RENESAS-ISL91110IINZ-T7A Datasheet
797Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
More results

Similar Description - ISL91110IINZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL91127IR RENESAS-ISL91127IR Datasheet
984Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Intersil Corporation
ISL91127 INTERSIL-ISL91127 Datasheet
117Kb / 2P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91128 INTERSIL-ISL91128 Datasheet
121Kb / 2P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Renesas Technology Corp
ISL91127 RENESAS-ISL91127 Datasheet
1Mb / 13P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
ISL91110 RENESAS-ISL91110 Datasheet
797Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Intersil Corporation
ISL91127IR INTERSIL-ISL91127IR Datasheet
751Kb / 12P
   High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Renesas Technology Corp
ISL91128 RENESAS-ISL91128 Datasheet
999Kb / 17P
   High Efficiency Buck-Boost Regulator with 4.5A Switches and I2C Interface
logo
Intersil Corporation
ISL91107IR INTERSIL-ISL91107IR Datasheet
608Kb / 13P
   High Efficiency Buck-Boost Regulator with 4.1A Switches
logo
Renesas Technology Corp
ISL91107IR RENESAS-ISL91107IR Datasheet
808Kb / 13P
   High Efficiency Buck-Boost Regulator with 4.1A Switches
logo
Maxim Integrated Produc...
MAX77816 MAXIM-MAX77816_V01 Datasheet
1Mb / 30P
   High-Efficiency Buck-Boost Regulator with 5A Switches
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com