Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHARP_LH7A404 Datasheet(PDF) 32 Page - Sharp Corporation

Part # SHARP_LH7A404
Description  32 BIT SYSTEM ON CHIP
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SHARP_LH7A404 Datasheet(HTML) 32 Page - Sharp Corporation

Back Button SHARP_LH7A404 Datasheet HTML 28Page - Sharp Corporation SHARP_LH7A404 Datasheet HTML 29Page - Sharp Corporation SHARP_LH7A404 Datasheet HTML 30Page - Sharp Corporation SHARP_LH7A404 Datasheet HTML 31Page - Sharp Corporation SHARP_LH7A404 Datasheet HTML 32Page - Sharp Corporation SHARP_LH7A404 Datasheet HTML 33Page - Sharp Corporation SHARP_LH7A404 Datasheet HTML 34Page - Sharp Corporation SHARP_LH7A404 Datasheet HTML 35Page - Sharp Corporation SHARP_LH7A404 Datasheet HTML 36Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
LH7A404
32-Bit System-on-Chip
32
Advance Data Sheet
DC/AC SPECIFICATIONS (COMMERCIAL)
Unless otherwise noted, all data provided under
commercial DC/AC specifications are based on 0°C to
+70°C, VDDC = 1.62 V to 1.98 V, VDD = 3.3 V to 3.6 V,
VDDA1 and VDDA2 = 1.62 V to 1.98 V; VDDA3 = 3.0
to 3.6 V.
DC Specifications
NOTES:
1. Output Drive 5 can sink 24 mA of current, but sources 16 mA of current.
2. Both oscillators running, LCD Active; all other peripherals stopped.
3. 32 kHz oscillator running; all other peripherals stopped.
4. Current consumption until oscillators are stabilized.
AC Test Conditions
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
NOTES
VIH
CMOS and Schmitt Trigger Input HIGH Voltage
2.0
V
VIL
CMOS and Schmitt Trigger Input LOW Voltage
0.8
V
VHST
Schmitt Trigger Hysteresis
0.35
V
VIL to VIH
VOH
CMOS Output HIGH Voltage, Output Drive 1
2.6
3.6
V
IOH = 2 mA
Output Drive 2
2.6
3.6
V
IOH = 4 mA
Output Drive 3
2.6
3.6
V
IOH = 8 mA
Output Drive 4 and 5
2.6
3.6
V
IOH = 16 mA
1
VOL
CMOS Output LOW Voltage, Output Drive 1
0.0
0.4
V
IOL = 2 mA
Output Drive 2
0.0
0.4
V
IOL = 4 mA
Output Drive 3
0.0
0.4
V
IOL = 8 mA
Output Drive 4
0.0
0.4
V
IOL = 16 mA
Output Drive 5
0.0
0.4
V
IOL = 24 mA
1
IIN
Input Leakage Current
-10
10
µA
VIN = VDD or GND
IOZ
Output Tri-state Leakage Current
-10
10
µA
VOUT = VDD or GND
IACTIVE
Active Current (Operating Current)
180
mA
IHALT
Halt Current
6.0
mA
2
ISTANDBY
Standby Current
20
µA3
ISTARTUP
Startup Current
50
µA4
CIN
Input Capacitance
4
pF
COUT
Output Capacitance
4
pF
PARAMETER
RATING
UNIT
DC I/O Supply Voltage (VDD)
3.0 to 3.6
V
DC Core Supply Voltage (VDDC)
1.62 to 1.98
V
Input Pulse Levels
VSS to 3
V
Input Rise and Fall Times
2
ns
Input and Output Timing Reference Levels
VDD/2
V


Similar Part No. - SHARP_LH7A404

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
SHA PREMO-SHA Datasheet
167Kb / 9P
   SMD Power Inductors Shielded
SHA-100M PREMO-SHA-100M Datasheet
167Kb / 9P
   SMD Power Inductors Shielded
SHA-101K PREMO-SHA-101K Datasheet
167Kb / 9P
   SMD Power Inductors Shielded
SHA-120M PREMO-SHA-120M Datasheet
167Kb / 9P
   SMD Power Inductors Shielded
SHA-121K PREMO-SHA-121K Datasheet
167Kb / 9P
   SMD Power Inductors Shielded
More results

Similar Description - SHARP_LH7A404

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH7A400 NXP-LH7A400 Datasheet
842Kb / 65P
   32-Bit System-on-Chip
Rev. 01-16 July 2007
logo
Sharp Corporation
LH7A400 SHARP-LH7A400 Datasheet
446Kb / 53P
   32-Bit System-on-Chip
logo
NXP Semiconductors
LH7A404 NXP-LH7A404 Datasheet
1Mb / 75P
   32-Bit System-on-Chip
2007
logo
Sharp Corporation
LH79525 SHARP-LH79525 Datasheet
132Kb / 2P
   16/32-bit System-on-Chip with Color LCD Controller
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Renesas Technology Corp
EC-1 RENESAS-EC-1 Datasheet
758Kb / 58P
   On-chip 32-bit ARM Cortex-R4F processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com