Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85403 Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL85403
Description  2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85403 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL85403 Datasheet HTML 9Page - Intersil Corporation ISL85403 Datasheet HTML 10Page - Intersil Corporation ISL85403 Datasheet HTML 11Page - Intersil Corporation ISL85403 Datasheet HTML 12Page - Intersil Corporation ISL85403 Datasheet HTML 13Page - Intersil Corporation ISL85403 Datasheet HTML 14Page - Intersil Corporation ISL85403 Datasheet HTML 15Page - Intersil Corporation ISL85403 Datasheet HTML 16Page - Intersil Corporation ISL85403 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ISL85403
13
FN8631.1
March 13, 2015
Submit Document Feedback
FIGURE 21. BOOST BUCK MODE, VO = 9V, IO = 1.8A, BOOST INPUT
DROPS FROM 16V TO 9V DC
FIGURE 22. EFFICIENCY, BOOST BUCK, 500kHz, VOUT 12V,
TA = +25°C
FIGURE 23. UPPER MOSFET rDS(ON) (mΩ) OVER-TEMPERATURE
Typical Performance Curves (Continued)
VOUT 5V/DIV
PHASE_BOOST 20V/DIV
10ms/DIV
IL_BOOST 2A/DIV
PHASE_BUCK 20V/DIV
50
55
60
65
70
75
80
85
90
95
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4
LOAD CURRENT (A)
9V VIN
6V VIN
5V VIN
30V VIN
15V VIN
190
160
150
140
130
120
110
100
DIE TEMPERATURE (°C)
180
170


Similar Part No. - ISL85403

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85403 RENESAS-ISL85403 Datasheet
1Mb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
ISL85403DEMO1Z RENESAS-ISL85403DEMO1Z Datasheet
1Mb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
ISL85403EVAL2Z RENESAS-ISL85403EVAL2Z Datasheet
1Mb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
ISL85403FRZ RENESAS-ISL85403FRZ Datasheet
1Mb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
More results

Similar Description - ISL85403

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85402 RENESAS-ISL85402 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL85402 INTERSIL-ISL85402 Datasheet
901Kb / 18P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
logo
Renesas Technology Corp
ISL78200 RENESAS-ISL78200 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL85402IRZ-TK INTERSIL-ISL85402IRZ-TK Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200 INTERSIL-ISL78200 Datasheet
963Kb / 19P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Renesas Technology Corp
ISL85403 RENESAS-ISL85403 Datasheet
1Mb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78201 RENESAS-ISL78201 Datasheet
1Mb / 23P
   40V 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL78201AVEZ INTERSIL-ISL78201AVEZ Datasheet
917Kb / 23P
   40V 2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 31, 2015
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com