Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85403 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL85403
Description  2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85403 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL85403 Datasheet HTML 1Page - Intersil Corporation ISL85403 Datasheet HTML 2Page - Intersil Corporation ISL85403 Datasheet HTML 3Page - Intersil Corporation ISL85403 Datasheet HTML 4Page - Intersil Corporation ISL85403 Datasheet HTML 5Page - Intersil Corporation ISL85403 Datasheet HTML 6Page - Intersil Corporation ISL85403 Datasheet HTML 7Page - Intersil Corporation ISL85403 Datasheet HTML 8Page - Intersil Corporation ISL85403 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
DATASHEET
2.5A Regulator with Integrated High-side MOSFET for
Synchronous Buck or Boost Buck Converter
ISL85403
The ISL85403 is a 40V, 2.5A synchronous buck or boost buck
controller with a high-side MOSFET and low-side driver
integrated. In buck mode, the ISL85403 supports a wide input
range of 3V to 40V. In boost-buck mode, the input range can
be extended down to 2.5V and output regulation can be
maintained when VIN drops below VOUT, enabling sensitive
electronics to remain on in low input voltage conditions.
The ISL85403 has a flexible selection of operation modes of
forced PWM mode and PFM mode. In PFM mode, the
quiescent input current is as low as 180µA (AUXVCC connected
to VOUT). The load boundary between PFM and PWM can be
programmed to cover wide applications.
The low-side driver can be either used to drive an external low-side
MOSFET for a synchronous buck or left unused for a standard
non-synchronous buck. The low-side driver can also be used to
drive a boost converter as a preregulator followed by a buck
controlled by the same IC, which greatly expands the operating
input voltage range down to 2.5V or lower (Refer to “Typical
Application Schematic III - Boost Buck Converter” on page 6).
The ISL85403 offers the most robust current protections. It uses
peak current mode control with cycle-by-cycle current limiting.
It is implemented with frequency foldback under current limit
condition; also, the hiccup overcurrent mode is also
implemented to guarantee reliable operations under harsh
short conditions.
The ISL85403 has comprehensive protections against various
faults including overvoltage and over-temperature protections,
etc.
Related Literature
• AN1960, “ISL85403DEMO1Z Demonstration Board User
Guide”
• UG010, “ISL85403EVAL2Z Evaluation Board User Guide”
Features
• Buck mode: input voltage range 3V to 40V (refer to “Input
Voltage” on page 15 for more details)
• Boost mode expands operating input voltage lower than
2.5V (refer to “Input Voltage” on page 15 for more details)
• Selectable forced PWM mode or PFM mode
• 300µA IC quiescent current (PFM, no load); 180µA input
quiescent current (PFM, no load, VOUT tied to AUXVCC)
• Less than 5µA (MAX) shutdown input current (IC disabled)
• Operational topologies
-Synchronous buck
-Non-synchronous buck
- Two-stage boost buck
- Non-inverting single inductor buck boost
• Programmable frequency from 200kHz to 2.2MHz and
frequency synchronization capability
±1% tight voltage regulation accuracy
• Reliable overcurrent protection
- Temperature compensated current sense
- Cycle-by-cycle current limiting with frequency foldback
- Hiccup mode for worst case short condition
• 20 Ld 4x4 QFN package
• Pb-free (RoHS compliant)
Applications
•General purpose
• 24V bus power
•Battery power
• Point-of-load
• Embedded processor and I/O supplies
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. EFFICIENCY, SYNCHRONOUS BUCK, PFM MODE,
VOUT 5V, TA = +25°C
VOUT
ISL85403
VCC
SGND
MODE
BOOT
VIN
PHASE
PGND
FS
EXT_BOOST
EN
FB
COMP
VIN
AUXVCC
LGATE
ILIMIT
SS
SYNC
PGOOD
ISL85403
50
55
60
65
70
75
80
85
90
95
100
0.1m
1m
10m
100m
1.0
2.5
LOAD CURRENT (A)
6V VIN
12V VIN
24V VIN
36V VIN
March 13, 2015
FN8631.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2014, 2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL85403

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85403 RENESAS-ISL85403 Datasheet
1Mb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
ISL85403DEMO1Z RENESAS-ISL85403DEMO1Z Datasheet
1Mb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
ISL85403EVAL2Z RENESAS-ISL85403EVAL2Z Datasheet
1Mb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
ISL85403FRZ RENESAS-ISL85403FRZ Datasheet
1Mb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
More results

Similar Description - ISL85403

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85402 RENESAS-ISL85402 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL85402 INTERSIL-ISL85402 Datasheet
901Kb / 18P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
logo
Renesas Technology Corp
ISL78200 RENESAS-ISL78200 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL85402IRZ-TK INTERSIL-ISL85402IRZ-TK Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200 INTERSIL-ISL78200 Datasheet
963Kb / 19P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Renesas Technology Corp
ISL85403 RENESAS-ISL85403 Datasheet
1Mb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78201 RENESAS-ISL78201 Datasheet
1Mb / 23P
   40V 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL78201AVEZ INTERSIL-ISL78201AVEZ Datasheet
917Kb / 23P
   40V 2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 31, 2015
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com