Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85005 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL85005
Description  4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85005 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL85005 Datasheet HTML 7Page - Intersil Corporation ISL85005 Datasheet HTML 8Page - Intersil Corporation ISL85005 Datasheet HTML 9Page - Intersil Corporation ISL85005 Datasheet HTML 10Page - Intersil Corporation ISL85005 Datasheet HTML 11Page - Intersil Corporation ISL85005 Datasheet HTML 12Page - Intersil Corporation ISL85005 Datasheet HTML 13Page - Intersil Corporation ISL85005 Datasheet HTML 14Page - Intersil Corporation ISL85005 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ISL85005, ISL85005A
11
FN8871.0
November 28, 2016
Submit Document Feedback
Typical Performance Curves Circuit of Figure 1. V
IN = 12V, VOUT = 5V, L = 3.3µH, fSW = 500kHz, TA = +25°C, unless
otherwise noted.
FIGURE 18. EFFICIENCY vs LOAD, VOUT = 5V
FIGURE 19. EFFICIENCY vs LOAD, VOUT = 3.3V, DEM
FIGURE 20. EFFICIENCY vs LOAD, VOUT = 3.3V, FORCED CCM
FIGURE 21. EFFICIENCY vs LOAD, VOUT = 2.5V, DEM
FIGURE 22. EFFICIENCY vs LOAD, VOUT = 2.5V, FORCED CCM
FIGURE 23. EFFICIENCY vs LOAD, VOUT = 1.8V, DEM
50
55
60
65
70
75
80
85
90
95
100
01
234
5
OUTPUT CURRENT (A)
VIN = 12V, DEM
VIN = 12V, FORCED CCM
50
55
60
65
70
75
80
85
90
95
100
012
345
OUTPUT CURREN T (A)
VIN = 12 V, DEM
VIN = 5V, DEM
50
55
60
65
70
75
80
85
90
95
100
012
345
OUTPUT CURRENT (A)
VIN = 12V, FORCED CCM
VIN = 5V, FORCED CCM
50
55
60
65
70
75
80
85
90
95
100
012
345
OUTPUT CURREN T (A)
VIN = 12V, DEM
VIN = 5V, DEM
50
55
60
65
70
75
80
85
90
95
100
0
123
45
OUTPUT CURRENT (A)
VIN = 12V, FORCED CCM
VIN = 5V, FORCED CCM
50
55
60
65
70
75
80
85
90
95
100
01
2
3
4
5
OUTPUT CURREN T (A)
VIN = 12V, DEM
VIN = 5V, DEM


Similar Part No. - ISL85005

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85005 RENESAS-ISL85005 Datasheet
1Mb / 23P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
ISL85005 RENESAS-ISL85005 Datasheet
973Kb / 19P
   12A, 3.8V to 18V Input, Synchronous Buck Regulator
ISL85005A RENESAS-ISL85005A Datasheet
1Mb / 23P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
ISL85005A RENESAS-ISL85005A Datasheet
973Kb / 19P
   12A, 3.8V to 18V Input, Synchronous Buck Regulator
ISL85005ADEMO1Z RENESAS-ISL85005ADEMO1Z Datasheet
1Mb / 23P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL85005

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85005 RENESAS-ISL85005 Datasheet
1Mb / 23P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
logo
Diodes Incorporated
AP62500 DIODES-AP62500 Datasheet
2Mb / 27P
   4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
November 2022 Rev. 1 - 2
logo
Rohm
BD86120EFJ ROHM-BD86120EFJ Datasheet
456Kb / 20P
   4.5V to 18V, 5A 1ch Synchronous Buck Converter
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
   4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
   4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
logo
Intersil Corporation
ISL85014 INTERSIL-ISL85014 Datasheet
694Kb / 21P
   14A, 3.8V to 18V Input, Synchronous Buck Regulator
February 14, 2017
logo
Renesas Technology Corp
ISL85012 RENESAS-ISL85012 Datasheet
973Kb / 19P
   12A, 3.8V to 18V Input, Synchronous Buck Regulator
logo
Intersil Corporation
ISL85009 INTERSIL-ISL85009 Datasheet
686Kb / 20P
   9A, 3.8V to 18V Input, Synchronous Buck Regulator
February 13, 2017
logo
Renesas Technology Corp
ISL85014 RENESAS-ISL85014 Datasheet
1Mb / 22P
   14A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com