Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL71840SEHVF Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL71840SEHVF
Description  Radiation Hardened 30V 16-Channel Analog Multiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL71840SEHVF Datasheet(HTML) 1 Page - Intersil Corporation

  ISL71840SEHVF Datasheet HTML 1Page - Intersil Corporation ISL71840SEHVF Datasheet HTML 2Page - Intersil Corporation ISL71840SEHVF Datasheet HTML 3Page - Intersil Corporation ISL71840SEHVF Datasheet HTML 4Page - Intersil Corporation ISL71840SEHVF Datasheet HTML 5Page - Intersil Corporation ISL71840SEHVF Datasheet HTML 6Page - Intersil Corporation ISL71840SEHVF Datasheet HTML 7Page - Intersil Corporation ISL71840SEHVF Datasheet HTML 8Page - Intersil Corporation ISL71840SEHVF Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
DATASHEET
Radiation Hardened 30V 16-Channel Analog
Multiplexer
ISL71840SEH
The ISL71840SEH is a radiation hardened, 16-channel high
ESD protected multiplexer that is fabricated using Intersil’s
proprietary P6SOI (Silicon On Insulator) process technology to
mitigate single-event effects and total ionizing dose. It
operates with a dual supply voltage ranging from ±10.8V to
±16.5V. It has a 4-bit address plus an enable pin that can be
driven with adjustable logic thresholds to conveniently select 1
of 16 available channels. An inactive channel is separated
from an active channel by a high impedance, which inhibits
any interaction between them.
The ISL71840SEH’s low rON allows for improved signal
integrity and reduced power losses. The ISL71840SEH is also
designed for cold sparing making it excellent for high reliability
applications that have redundancy requirements. It is
designed to provide a high impedance to the analog source in
a powered off condition, making it easy to add additional
backup devices without loading signal sources. The
ISL71840SEH also incorporates input analog overvoltage
protection, which will disable the switch to protect downstream
devices.
The ISL71840SEH is available in a 28 Ld CDFP or die form and
operates across the extended temperature range of -55°C to
+125°C.
There is also a 32-channel version available offered in a 48 Ld
CQFP, please refer to the ISL71841SEH datasheet for more
information. For a list of differences please refer to Table 1 on
page 3.
Related Literature
• UG028, “ISL71840SEHEV1Z Evaluation Board User Guide”
• TR004, “Single Event Effects (SEE) Testing of the
ISL71840SEH 16:1 30V Mux”
• TR010, “Total Dose Testing of the ISL71840SEH 16-Channel
Analog Multiplexer”
Features
•DLA SMD# 5962-15219
• Fabricated using P6SOI process technology
- Provides latch-up immunity
• ESD protection 8kV (HBM)
• Rail-to-rail operation
• Overvoltage protection
•Low rON. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <500Ω (typical)
• Flexible split rail operation
- Positive supply above GND (V+) . . . . . . . +10.8V to +16.5V
- Negative supply below GND (V-) . . . . . . . . -10.8V to -16.5V
• Adjustable logic threshold control with VREF pin
• Cold sparing capable (from ground). . . . . . . . . . . . . . . . .±25V
• Analog overvoltage range (from ground) . . . . . . . . . . . . .±35V
• Off switch leakage . . . . . . . . . . . . . . . . . . . 100nA (maximum)
• Transition times (tR, tF) . . . . . . . . . . . . . . . . . . . 500ns (typical)
• Break-before-make switching
• Grounded metal lid (internally connected)
• Operating temperature range. . . . . . . . . . . .-55°C to +125°C
• Radiation tolerance
- High dose rate (50-300rad(Si)/s). . . . . . . . . . . 100krad(Si)
- Low dose rate (0.01rad(Si)/s) . . . . 100krad(Si) (see Note)
- SEB LETTH . . . . . . . . . . . . . . . . . . . . . . . . . 86.4MeV•cm2/mg
NOTE: Product capability established by initial characterization. All
subsequent lots are assurance tested to 50krad (0.01rad(Si)/s)
wafer-by-wafer.
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. rDS(ON) vs POWER SUPPLY ACROSS SWITCH INPUT
COMMON-MODE VOLTAGE AT +25°C
IN01
IN02
IN16
ADDRESS
4
IN03
.
.
.
OUT
ADC
ISL71840SEH
EN
0
100
200
300
400
500
600
-20
-15
-10
-5
0
5
10
15
20
-55°C
+125°C
+25°C
SWITCH INPUT VOLTAGE (V)
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2015, 2016. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
June 9, 2016
FN8734.3


Similar Part No. - ISL71840SEHVF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71840SEHVF RENESAS-ISL71840SEHVF Datasheet
1Mb / 28P
   Radiation Hardened 30V 16-Channel Analog Multiplexer
Oct 24, 2022
More results

Similar Description - ISL71840SEHVF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71840SEH RENESAS-ISL71840SEH Datasheet
1Mb / 28P
   Radiation Hardened 30V 16-Channel Analog Multiplexer
Oct 24, 2022
logo
Intersil Corporation
ISL71841SEH INTERSIL-ISL71841SEH Datasheet
991Kb / 29P
   Radiation Hardened 30V 32-Channel Analog Multiplexer
June 3, 2016
logo
Renesas Technology Corp
ISL71841SEH RENESAS-ISL71841SEH Datasheet
1Mb / 30P
   Radiation Hardened 30V 32-Channel Analog Multiplexer
Feb 23, 2018
ISL73840SEH RENESAS-ISL73840SEH Datasheet
1Mb / 24P
   Radiation Tolerant 30V 16-Channel Analog Multiplexer
Feb 23, 2018
logo
Intersil Corporation
ISL73840SEH INTERSIL-ISL73840SEH Datasheet
1Mb / 23P
   Radiation Tolerant 30V 16-Channel Analog Multiplexer
logo
Renesas Technology Corp
ISL71831SEH RENESAS-ISL71831SEH Datasheet
2Mb / 22P
   Radiation Hardened 5V 32-Channel Analog Multiplexer
Dec 8, 2022
logo
Intersil Corporation
ISL71831SEH INTERSIL-ISL71831SEH Datasheet
1Mb / 21P
   Radiation Hardened 5V 32-Channel Analog Multiplexer
November 18, 2016
HS-0506RH INTERSIL-HS-0506RH Datasheet
1Mb / 14P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexer
logo
Renesas Technology Corp
ISL73841SEH RENESAS-ISL73841SEH Datasheet
1Mb / 24P
   Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
logo
Intersil Corporation
ISL73841SEH INTERSIL-ISL73841SEH Datasheet
844Kb / 23P
   Radiation Tolerant 30V 32-Channel Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com