Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPGDWT-U1-0000-00F5E Datasheet(PDF) 6 Page - Cree, Inc

Part # XPGDWT-U1-0000-00F5E
Description  Available in outdoor white and 70-, 80- and 90-CRI white
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPGDWT-U1-0000-00F5E Datasheet(HTML) 6 Page - Cree, Inc

Back Button XPGDWT-U1-0000-00F5E Datasheet HTML 2Page - Cree, Inc XPGDWT-U1-0000-00F5E Datasheet HTML 3Page - Cree, Inc XPGDWT-U1-0000-00F5E Datasheet HTML 4Page - Cree, Inc XPGDWT-U1-0000-00F5E Datasheet HTML 5Page - Cree, Inc XPGDWT-U1-0000-00F5E Datasheet HTML 6Page - Cree, Inc XPGDWT-U1-0000-00F5E Datasheet HTML 7Page - Cree, Inc XPGDWT-U1-0000-00F5E Datasheet HTML 8Page - Cree, Inc XPGDWT-U1-0000-00F5E Datasheet HTML 9Page - Cree, Inc XPGDWT-U1-0000-00F5E Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology and the
Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
6
XLamp® Xp-G3 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements. See the Measurements section (page 29).
Cree XLamp XP-G3 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions
specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Chromaticity
Minimum Luminous Flux (lm) @
350 mA
order Codes
Kit
CCt
Code
Flux (lm)
@ 85 °C
Flux (lm)
@25 °C*
70 Cri typical
70 Cri Minimum
80 Cri Minimum
90 Cri Minimum
4E
4500K
S4
164
179
XPGDWT-B1-0000-00L4E
S3
156
170
XPGDWT-B1-0000-00K4E
XPGDWT-H1-0000-00K4E
S2
148
161
XPGDWT-B1-0000-00J4E
XPGDWT-H1-0000-00J4E
R5
139
152
XPGDWT-H1-0000-00H4E
R4
130
142
XPGDWT-H1-0000-00G4E
R3
122
133
XPGDWT-U1-0000-00F4E
R2
114
124
XPGDWT-U1-0000-00E4E
Q5
107
117
XPGDWT-U1-0000-00D4E
E4
4500 K
S4
164
179
XPGDWT-01-0000-00LE4
XPGDWT-B1-0000-00LE4
S3
156
170
XPGDWT-01-0000-00KE4
XPGDWT-B1-0000-00KE4
XPGDWT-H1-0000-00KE4
S2
148
161
XPGDWT-01-0000-00JE4
XPGDWT-B1-0000-00JE4
XPGDWT-H1-0000-00JE4
R5
139
152
XPGDWT-B1-0000-00HE4
XPGDWT-H1-0000-00HE4
R4
130
142
XPGDWT-H1-0000-00GE4
R3
122
133
XPGDWT-U1-0000-00FE4
R2
114
124
XPGDWT-U1-0000-00EE4
Q5
107
117
XPGDWT-U1-0000-00DE4
F5
4200 K
S4
164
179
XPGDWT-01-0000-00LF5
XPGDWT-B1-0000-00LF5
S3
156
170
XPGDWT-01-0000-00KF5
XPGDWT-B1-0000-00KF5
S2
148
161
XPGDWT-01-0000-00JF5
XPGDWT-B1-0000-00JF5
XPGDWT-H1-0000-00JF5
R5
139
152
XPGDWT-B1-0000-00HF5
XPGDWT-H1-0000-00HF5
R4
130
142
XPGDWT-H1-0000-00GF5
R3
122
133
XPGDWT-U1-0000-00FF5
R2
114
124
XPGDWT-U1-0000-00EF5
Q5
107
117
XPGDWT-U1-0000-00DF5
FLuX ChArACtEristiCs (t
J = 85 °C) - Continued


Similar Part No. - XPGDWT-U1-0000-00F5E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPGDWT-U1-0000-00F5E CREE-XPGDWT-U1-0000-00F5E Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
More results

Similar Description - XPGDWT-U1-0000-00F5E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-G CREE-XP-G Datasheet
2Mb / 28P
   Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
logo
Marktech Corporate
XBD MARKTECH-XBD Datasheet
582Kb / 2P
   80-min CRI White and 70-min CRI Cool White
logo
Cree, Inc
MLCAWT-A1-0000-000051 CREE-MLCAWT-A1-0000-000051 Datasheet
1Mb / 20P
   Available in white (2600 K to 8300 K CCT), 80-, 85- and 90- CRI minimum and royal blue
MLEAWT-A1-0000-000451 CREE-MLEAWT-A1-0000-000451 Datasheet
1Mb / 26P
   Available in white (2600 K to 8300 K CCT), 80-, 85- and 90?멌RI minimum
logo
List of Unclassifed Man...
C5500-C-S-12 ETC2-C5500-C-S-12 Datasheet
584Kb / 2P
   HB LEDs available in white, red, blue, and green
logo
P-tec Corporation
PL22-CDR21 P-TEC-PL22-CDR21_14 Datasheet
75Kb / 1P
   Available in Color, White
logo
OSA Opto Light GmbH
OCL-400SW OSA-OCL-400SW Datasheet
238Kb / 7P
   White ??high CRI
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MYA0 AVAGO-ASMT-MYA0 Datasheet
529Kb / 6P
   Available in Warm White color
logo
Everlight Electronics C...
EHP-B05MLG EVERLIGHT-EHP-B05MLG Datasheet
1Mb / 26P
   CRI 75 White LED
logo
Quelighting Corp
QLSP01WCF-119 QUELIGHTING-QLSP01WCF-119 Datasheet
1Mb / 12P
   These high output reflector type Tube LEDs are available in warm white /neutral white / pure white / and cold white to suit customer?셲 application.
1.1 08-26-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com