Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT-BGA-7019 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # CBT-BGA-7019
Description  Highly compliant to accommodate wide co-planarity variations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-7019 Datasheet(HTML) 4 Page - Ironwood Electronics.

  CBT-BGA-7019 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-7019 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-7019 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-7019 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
9
10
6
5
7
14
15
2
18
1
11
20
12
13
14
17
8
21
3
4
19
16
22
17.7250
12.7250
1.7000
3
2.5000
Insulation plate specification
0.7500
2.7500
1:1 scale
ITEM
NO.
DESCRIPTION
Material
1
CBT Socket Base 10mm
7075-T6 Aluminum Alloy
2
CBT Compression Plate 7mm IC
7075-T6 Aluminum Alloy
3
Middle guide BGA100 7x7mm 0.65mm pitch 10x10
array
Semitron MDS 100
4
Bottom guide BGA100 7x7mm 0.65mm pitch 10x10
array
Semitron MDS 100
5
Clam Shell Socket Lid 10mm IC
7075-T6 Aluminum Alloy
6
M6x1 fluted knob compression screw 4.25mm thru
hole
7075-T6 Aluminum Alloy
7
Latch 6- 10mm Ni plated
7075-T6 Aluminum Alloy
8
Floating Guide Spring
Alloy Steel (SS)
9
Screw, M3 x 12mm, Low Head Cap, SS
18-8 Stainless Steel
10
Spring Clamshell lid assembly
Steel Music Wire
11
Dowel pin, 1/32" X 1/4", SS
Stainless Steel (18-8)
12
#0-80 x 0.5, SH Cap Screw
Alloy Steel
13
#0-80X0.25", 90 deg., head pin guide screw, Peek
material
PEEK unfilled
14
Hinge Pin and Snap Ring, 2mm OD, 19mm long, SS
Stainless Steel (ferritic)
15
Precision Compression Spring, Zinc-Plated Music
Wire, 1/2" Length, .12" OD, .016" Wire
Zinc Plated Music Wire
16
Backing Plate 10mm IC 1.25mm thick, Stainless Steel
Stainless Steel (ferritic)
17
Insulation Plate
Ultem 1000
18
TChip 7x7mm 0.65mm 10x10
High Temp FR4
19
TPCB 7x7mm 0.65mm 10x10
High Temp FR4
20
Floating guide BGA100 7x7mm 0.65mm pitch 10x10
array
Semitron MDS 100
21
IC Guide 7mm IC with posts
TECAPEEK CMF Ceramic filled
22
SBT Pin, SBT-BGA 0.5mm-0.8mm
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Assy, detail
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 04/24/2015
Material: N/A
Finish: N/A
Weight: 40.62
CBT-BGA-7019 Drawing
SCALE: 2:1
SHEET: 4 OF 4
ENG: J. Vavra
FILE: CBT-BGA-7019 Dwg
DRAWN BY: M. Raske


Similar Part No. - CBT-BGA-7019

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-7010 IRONWOOD-CBT-BGA-7010 Datasheet
315Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7011 IRONWOOD-CBT-BGA-7011 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7015 IRONWOOD-CBT-BGA-7015 Datasheet
385Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7016 IRONWOOD-CBT-BGA-7016 Datasheet
576Kb / 5P
   UTRS3085L-D08-T
CBT-BGA-7017 IRONWOOD-CBT-BGA-7017 Datasheet
805Kb / 8P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - CBT-BGA-7019

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7502 IRONWOOD-SBT-BGA-7502 Datasheet
493Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7035 IRONWOOD-CBT-QFN-7035 Datasheet
489Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-SO-4001 IRONWOOD-CBT-SO-4001 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6533 IRONWOOD-SBT-BGA-6533 Datasheet
436Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9029 IRONWOOD-SM-BGA-9029 Datasheet
368Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
   Highly compliant to accommodate wide co-planarity variations.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com