Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL453232T-331J Datasheet(PDF) 3 Page - TDK Electronics

Part # NL453232T-331J
Description  For General Applications SMD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NL453232T-331J Datasheet(HTML) 3 Page - TDK Electronics

  NL453232T-331J Datasheet HTML 1Page - TDK Electronics NL453232T-331J Datasheet HTML 2Page - TDK Electronics NL453232T-331J Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• All specifications are subject to change without notice.
(3/3)
001-01 / 20011220 / e511_nl4532.fm
Inductors
NL Series NL4532 Type
For General Applications
SMD
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. FREQUENCY
IMPEDANCE vs. FREQUENCY
INDUCTANCE CHANGE vs. DC
CHARACTERISTICS
CHARACTERISTICS
SUPERPOSITION CHARACTERISTICS
T
YPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. TEMPERATURE
Q vs. FREQUENCY CHARACTERISTICS
CHARACTERISTICS
10
5
2
10
50
100
500
1000
50
100
500
1000
DC current(mA)
470
µH
1000
µH
A
L=5H
C=20000
µF
Test circuit
DC
Specimen
YHP model-4275A
or equivalent
100
µH
47
µH
10
µH
4.7
µH
Frequency(MHz)
0.1
10
5
2
100
1000
500
50
10000
5000
1
0.5
10
540
1000
µH
4194A IMPEDANCE
GAIN-PHASE ANALYZER
10
µH
100
µH
Frequency(MHz)
0.1
100
50
20
1k
10k
5k
500
100k
50k
1
0.5
10
540
1000
µH
4194A IMPEDANCE
GAIN-PHASE ANALYZER
1
µH
10
µH
100
µH
4
– 2
– 3
– 4
–1
1
2
3
–20
0
20
40
60
80
100
Temperature(˚C)
Test equipment:
LCR model-4275A
YHP, at 10kHz 1Vrms
–2
330
µH
18
µH
68
µH
10
µH
0.1
0.05
1
0.5
10
5
Frequency(MHz)
0
20
40
60
80
100
470
µH
1000
µH
Test equipment: Q meter model-4340A, YHP
1
µH
3.9
µH
10
µH
39
µH


Similar Part No. - NL453232T-331J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NL453232T-331J-PF TDK-NL453232T-331J-PF Datasheet
1Mb / 13P
   Inductors for Standard Circuits Wound Ferrite
NL453232T-331J-PF TDK-NL453232T-331J-PF Datasheet
1Mb / 13P
   Inductors for Standard Circuits
NL453232T-331J-PF TDK-NL453232T-331J-PF Datasheet
1Mb / 13P
   REMINDERS FOR USING THESE PRODUCTS Before using these products, be sure to request the delivery specifications.
NL453232T-331J-PF TDK-NL453232T-331J-PF Datasheet
217Kb / 14P
   Inductors for Standard Circuits
NL453232T-331J-PF TDK-NL453232T-331J-PF Datasheet
124Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
More results

Similar Description - NL453232T-331J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV32T-010J-PF TDK-NLV32T-010J-PF Datasheet
45Kb / 3P
   For General Applications SMD
NL2016 TDK-NL2016 Datasheet
61Kb / 2P
   For General Applications
logo
MAKO SEMICONDUCTOR CO.,...
BC818-40 MAKOSEMI-BC818-40 Datasheet
102Kb / 2P
   For general AF applications
BC818-25 MAKOSEMI-BC818-25 Datasheet
102Kb / 2P
   For general AF applications
BC818-16 MAKOSEMI-BC818-16 Datasheet
102Kb / 2P
   For general AF applications
logo
Vishay Siliconix
SD101AWS-G VISHAY-SD101AWS-G Datasheet
85Kb / 4P
   For general purpose applications
Rev. 1.2, 14-Oct-16
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28_11 Datasheet
522Kb / 7P
   For general AF applications
2011-10-05
BCV29 INFINEON-BCV29_11 Datasheet
522Kb / 7P
   For general AF applications
2011-10-05
logo
Vishay Siliconix
SD103AW-G VISHAY-SD103AW-G Datasheet
94Kb / 4P
   For general purpose applications
Rev. 1.7, 25-Aug-16
logo
Infineon Technologies A...
BCX68 INFINEON-BCX68_11 Datasheet
523Kb / 7P
   For general AF applications
2011-10-06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com