Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPGDWT-U1-0000-00E2E Datasheet(PDF) 1 Page - Cree, Inc

Part # XPGDWT-U1-0000-00E2E
Description  Available in outdoor white and 70-, 80- and 90-CRI white
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPGDWT-U1-0000-00E2E Datasheet(HTML) 1 Page - Cree, Inc

  XPGDWT-U1-0000-00E2E Datasheet HTML 1Page - Cree, Inc XPGDWT-U1-0000-00E2E Datasheet HTML 2Page - Cree, Inc XPGDWT-U1-0000-00E2E Datasheet HTML 3Page - Cree, Inc XPGDWT-U1-0000-00E2E Datasheet HTML 4Page - Cree, Inc XPGDWT-U1-0000-00E2E Datasheet HTML 5Page - Cree, Inc XPGDWT-U1-0000-00E2E Datasheet HTML 6Page - Cree, Inc XPGDWT-U1-0000-00E2E Datasheet HTML 7Page - Cree, Inc XPGDWT-U1-0000-00E2E Datasheet HTML 8Page - Cree, Inc XPGDWT-U1-0000-00E2E Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Product family data sheet
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite®
are registered trademarks and SC5 Technology and the Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® XP-G3 LEDs
ProDuCt DEsCriPtion
The XLamp® XP-G3 LeD is the highest
efficacy and most reliable LED in the
XP-G platform. Incorporating elements
of Cree’s SC5 Technology™ Platform, the
XP-G3 LED delivers both high reliability
at high operating temperatures and
high efficacy to meet the higher efficacy
and lumen maintenance requirements
of DLC classification. Optimized for
directional, high-lumen applications,
from indoor and outdoor to portable and
lamp retrofits, the XP-G3 LED delivers the
benefits of the XP-G platform – compact
and proven 3.45 mm x 3.45 mm package
and established ecosystem – enabling
customers to simplify the design process
and shorten time to market.
FEAturEs
• Available in outdoor white and 70-, 80-
and 90-CRI white
• ANSI-compatible chromaticity bins
• 3-step and 5-step options
• Binned at 85 °C
• Maximum drive current: 2000 mA
• Low thermal resistance: 3 °C/W
• Wide viewing angle: 125°
• Unlimited floor life at
≤ 30 ºC/85% RH
• Reflow solderable - JEDEC J-STD-020C
• Electrically neutral thermal path
• RoHS and REACh compliant
• UL® recognized component (E349212)
tAbLE oF ContEnts
Characteristics ............................................2
Flux Characteristics ...................................3
Relative Spectral Power Distribution ...... 11
Relative Flux vs. Junction Temperature.. 11
Electrical Characteristics......................... 12
Relative Flux vs. Current .......................... 12
Relative Chromaticity vs. Current and
Temperature ............................................. 13
Typical Spatial Distribution...................... 14
Thermal Design........................................ 14
Performance Groups – Luminous Flux... 15
Performance Groups – Chromaticity...... 16
Cree’s Standard Chromaticity Regions
Plotted on the 1931 CIE Curve ................ 20
Cree’s Standard Cool White Kits Plotted
on ANSI Standard Chromaticity
Regions..................................................... 22
Cree’s Standard Warm and Neutral
White Kits Plotted on ANSI Standard
Chromaticity Regions .............................. 24
Cree’s EasyWhite® White Kits Plotted on
ANSI Standard Chromaticity Regions..... 25
Cree’s Standard Chromaticity Kits .......... 26
Bin and Order Code Formats................... 27
Reflow Soldering Characteristics............ 28
Notes ........................................................ 29
Mechanical Dimensions .......................... 31
Tape and Reel........................................... 32
Packaging................................................. 33


Similar Part No. - XPGDWT-U1-0000-00E2E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPGDWT-U1-0000-00E2E CREE-XPGDWT-U1-0000-00E2E Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
More results

Similar Description - XPGDWT-U1-0000-00E2E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-G CREE-XP-G Datasheet
2Mb / 28P
   Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
logo
Marktech Corporate
XBD MARKTECH-XBD Datasheet
582Kb / 2P
   80-min CRI White and 70-min CRI Cool White
logo
Cree, Inc
MLCAWT-A1-0000-000051 CREE-MLCAWT-A1-0000-000051 Datasheet
1Mb / 20P
   Available in white (2600 K to 8300 K CCT), 80-, 85- and 90- CRI minimum and royal blue
MLEAWT-A1-0000-000451 CREE-MLEAWT-A1-0000-000451 Datasheet
1Mb / 26P
   Available in white (2600 K to 8300 K CCT), 80-, 85- and 90?멌RI minimum
logo
List of Unclassifed Man...
C5500-C-S-12 ETC2-C5500-C-S-12 Datasheet
584Kb / 2P
   HB LEDs available in white, red, blue, and green
logo
P-tec Corporation
PL22-CDR21 P-TEC-PL22-CDR21_14 Datasheet
75Kb / 1P
   Available in Color, White
logo
OSA Opto Light GmbH
OCL-400SW OSA-OCL-400SW Datasheet
238Kb / 7P
   White ??high CRI
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MYA0 AVAGO-ASMT-MYA0 Datasheet
529Kb / 6P
   Available in Warm White color
logo
Everlight Electronics C...
EHP-B05MLG EVERLIGHT-EHP-B05MLG Datasheet
1Mb / 26P
   CRI 75 White LED
logo
Quelighting Corp
QLSP01WCF-119 QUELIGHTING-QLSP01WCF-119 Datasheet
1Mb / 12P
   These high output reflector type Tube LEDs are available in warm white /neutral white / pure white / and cold white to suit customer?셲 application.
1.1 08-26-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com