Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL453232T-221J Datasheet(PDF) 1 Page - TDK Electronics

Part # NL453232T-221J
Description  For General Applications SMD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NL453232T-221J Datasheet(HTML) 1 Page - TDK Electronics

  NL453232T-221J Datasheet HTML 1Page - TDK Electronics NL453232T-221J Datasheet HTML 2Page - TDK Electronics NL453232T-221J Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• All specifications are subject to change without notice.
(1/3)
001-01 / 20011220 / e511_nl4532.fm
Inductors
NL Series NL4532 Type
For General Applications
SMD
FEATURES
• The NL series are available in 5 form factors ranging from 2016
to 5650.
• Utilizing a miniaturized winding structure, these products provide
high Q characteristics.
• Inductance tolerance is ±5 percent.
APPLICATIONS
Personal computers, hard disk drives, and other electronic equip-
ment.
SPECIFICATIONS
RECOMMENDED SOLDERING CONDITIONS
REFLOW SOLDERING
FLOW SOLDERING
IRON SOLDERING
Perform soldering at 250°C on 30W max. within 5 seconds.
VAPOR-PHASING
FLUX AND CLEANING
Rosin-based flux is recommended.
Cleaning Conditions
PRODUCT IDENTIFICATION
(1)Series name
(2)Dimensions L
×W×T
(3)Packaging style
(4)Inductance value
(5)Inductance tolerance
PACKAGING STYLE AND QUANTITIES
Operating temperature range –20 to +85°C
Storage temperature range
–40 to +85°C [Unit of products]
30s max.
Preheating: 120s
10s max.
100˚C
200˚C
230˚C
150˚C
Natural
cooling
Time(s)
Preheating: 120s
10s max.
100˚C
260˚C
150˚C
Natural
cooling
Time(s)
Preheating: 120s
10s max.
100˚C
215˚C
220˚C
150˚C
Natural
cooling
30s max.
Time(s)
Solvent
Chlorine-based solvent
(Do not use acid or alkali solvents.)
Time
2min max.
201614
2.1
×1.6×1.4mm
252018
2.5
×2.0×1.8mm
322522
3.2
×2.5×2.2mm
453232
4.5
×3.2×3.2mm
565050
5.6
×5.0×5.0mm
T
Taping (reel)
1R0
1
µH
330
33
µH
J±5%
K
±10%
Packaging style
Type
Quantity
Taping
NL201614T
2000 pieces/reel
NL252018T
2000 pieces/reel
NL322522T
2000 pieces/reel
NL453232T
500 pieces/reel
NL565050T
400 pieces/reel
NL 201614
T- 2R2 J
(1)
(2)
(3)
(4)
(5)


Similar Part No. - NL453232T-221J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NL453232T-221J-PF TDK-NL453232T-221J-PF Datasheet
1Mb / 13P
   Inductors for Standard Circuits Wound Ferrite
NL453232T-221J-PF TDK-NL453232T-221J-PF Datasheet
1Mb / 13P
   Inductors for Standard Circuits
NL453232T-221J-PF TDK-NL453232T-221J-PF Datasheet
217Kb / 14P
   Inductors for Standard Circuits
NL453232T-221J-PF TDK-NL453232T-221J-PF Datasheet
124Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NL453232T-221J-PF TDK-NL453232T-221J-PF Datasheet
132Kb / 3P
   Inductors (Coils)
More results

Similar Description - NL453232T-221J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV32T-010J-PF TDK-NLV32T-010J-PF Datasheet
45Kb / 3P
   For General Applications SMD
NL2016 TDK-NL2016 Datasheet
61Kb / 2P
   For General Applications
logo
MAKO SEMICONDUCTOR CO.,...
BC818-40 MAKOSEMI-BC818-40 Datasheet
102Kb / 2P
   For general AF applications
BC818-25 MAKOSEMI-BC818-25 Datasheet
102Kb / 2P
   For general AF applications
BC818-16 MAKOSEMI-BC818-16 Datasheet
102Kb / 2P
   For general AF applications
logo
Vishay Siliconix
SD101AWS-G VISHAY-SD101AWS-G Datasheet
85Kb / 4P
   For general purpose applications
Rev. 1.2, 14-Oct-16
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28_11 Datasheet
522Kb / 7P
   For general AF applications
2011-10-05
BCV29 INFINEON-BCV29_11 Datasheet
522Kb / 7P
   For general AF applications
2011-10-05
logo
Vishay Siliconix
SD103AW-G VISHAY-SD103AW-G Datasheet
94Kb / 4P
   For general purpose applications
Rev. 1.7, 25-Aug-16
logo
Infineon Technologies A...
BCX68 INFINEON-BCX68_11 Datasheet
523Kb / 7P
   For general AF applications
2011-10-06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com