Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

904092-1 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 904092-1
Description  Mass Insertion Terminating Head
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

904092-1 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  904092-1 Datasheet HTML 1Page - TE Connectivity Ltd 904092-1 Datasheet HTML 2Page - TE Connectivity Ltd 904092-1 Datasheet HTML 3Page - TE Connectivity Ltd 904092-1 Datasheet HTML 4Page - TE Connectivity Ltd 904092-1 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ITEM
TE PART NUMBER
DESCRIPTION
QTY PER
ASSY
1
904092-1
PAWL, Locating
1
2
23147-3
SPRING, Compression
1
3
312149-1
ADJUSTER, Rod Insertion
1
4
22488-5
SPRING, Compression
1
5
904087-1
RAM
1
6
2-22279-5
SPRING, Compression
1
7
904093-1
ROD, Push
1
8
21003-1
SCREW, Flat Head Cap, 0-80 x .12
1
9
1-23147-2
SPRING, Compression
2
10
904086-1
CLAMP, Wire Guide
2
11
21949-1
PIN, Spiral Wrapped
5
12
904129-1
BLOCK, Wire
2
13
904085-1
GUIDE, Wire
1
14
1-21000-4
SCREW, Socket Head Cap, 4-40 x .38
1
15
21028-2
PIN, Slotted Spring
1
16
904084-1
BLOCK, Inserter
1
17
1-21000-7
SCREW, Socket Head Cap, 4-40 x .75
1
18
904083-1
HEAD
1
408-4406
5 of 5
Rev C
Figure 7


Similar Part No. - 904092-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9040 ETC2-9040 Datasheet
326Kb / 1P
   INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
9040 HEYCO-9040 Datasheet
152Kb / 2P
   Snap Rivets
logo
M/A-COM Technology Solu...
90400-90600 MA-COM-90400-90600 Datasheet
511Kb / 3P
   High Working Voltage: 50 V
logo
Qorvo, Inc
90403A106 QORVO-90403A106 Datasheet
614Kb / 13P
   CATV 75 pHEMT Dual RF Amplifier
logo
Keysight Technologies
90404A KEYSIGHT-90404A Datasheet
4Mb / 41P
   Infiniium 90000 Series Oscilloscopes
More results

Similar Description - 904092-1

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
304HIR-3C EHAOAN-304HIR-3C Datasheet
1Mb / 7P
   F3 round head straight insertion
logo
Molex Electronics Ltd.
0622005703 MOLEX-0622005703 Datasheet
57Kb / 9P
   Backplane Insertion Head for 144 Circuits
02/27/2021
logo
Balluff Korea Ltd.
BCC0718 BALLUFF-BCC0718 Datasheet
104Kb / 2P
   Terminating Resistors
2022-07-16
BCC0A08 BALLUFF-BCC0A08 Datasheet
107Kb / 2P
   Terminating Resistors
0.58_2022-07-16
BCC0A0A BALLUFF-BCC0A0A Datasheet
102Kb / 2P
   Terminating Resistors
0.56_2022-07-16
BCC09MR BALLUFF-BCC09MR Datasheet
112Kb / 2P
   Terminating Resistors
2022-07-16
logo
Tyco Electronics
408-6930 MACOM-408-6930 Datasheet
172Kb / 5P
   Terminating Head 58247- 1 For MTA- 156 Receptacle Connectors Using Discrete Wire
logo
Balluff Korea Ltd.
BCC0C6E BALLUFF-BCC0C6E Datasheet
100Kb / 2P
   Terminating Resistors
0.55_2022-07-16
logo
TE Connectivity Ltd
408-8734 TEC-408-8734 Datasheet
389Kb / 6P
   Terminating Modules
logo
Balluff Korea Ltd.
BCC0A09 BALLUFF-BCC0A09 Datasheet
101Kb / 2P
   Terminating Resistors
0.56_2022-07-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com