Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPGDWT-H1-0000-00KCB Datasheet(PDF) 11 Page - Cree, Inc

Part # XPGDWT-H1-0000-00KCB
Description  Available in outdoor white and 70-, 80- and 90-CRI white
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPGDWT-H1-0000-00KCB Datasheet(HTML) 11 Page - Cree, Inc

Back Button XPGDWT-H1-0000-00KCB Datasheet HTML 7Page - Cree, Inc XPGDWT-H1-0000-00KCB Datasheet HTML 8Page - Cree, Inc XPGDWT-H1-0000-00KCB Datasheet HTML 9Page - Cree, Inc XPGDWT-H1-0000-00KCB Datasheet HTML 10Page - Cree, Inc XPGDWT-H1-0000-00KCB Datasheet HTML 11Page - Cree, Inc XPGDWT-H1-0000-00KCB Datasheet HTML 12Page - Cree, Inc XPGDWT-H1-0000-00KCB Datasheet HTML 13Page - Cree, Inc XPGDWT-H1-0000-00KCB Datasheet HTML 14Page - Cree, Inc XPGDWT-H1-0000-00KCB Datasheet HTML 15Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and SC5 Technology and the
Cree logo are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
11
XLamp® Xp-G3 LED
rELAtivE sPECtrAL PowEr Distribution
rELAtivE FLuX vs. JunCtion tEMPErAturE (i
F = 350 mA)
Relative Spectral Power
0%
20%
40%
60%
80%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
5000 K, 70 CRI
4000 K, 70 CRI
3000 K, 80 CRI
Relative Flux Output vs. Junction Temperature
0%
20%
40%
60%
80%
100%
120%
25
50
75
100
125
150
Junction Temperature (ºC)


Similar Part No. - XPGDWT-H1-0000-00KCB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPGDWT-H1-0000-00KCB CREE-XPGDWT-H1-0000-00KCB Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
logo
Cree LED
XPGDWT-H1-0000-00KCB CREELED-XPGDWT-H1-0000-00KCB Datasheet
1Mb / 48P
   XLamp® XP-G3 LEDs
REV 9
More results

Similar Description - XPGDWT-H1-0000-00KCB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-G CREE-XP-G Datasheet
2Mb / 28P
   Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
logo
Marktech Corporate
XBD MARKTECH-XBD Datasheet
582Kb / 2P
   80-min CRI White and 70-min CRI Cool White
logo
Cree, Inc
MLCAWT-A1-0000-000051 CREE-MLCAWT-A1-0000-000051 Datasheet
1Mb / 20P
   Available in white (2600 K to 8300 K CCT), 80-, 85- and 90- CRI minimum and royal blue
MLEAWT-A1-0000-000451 CREE-MLEAWT-A1-0000-000451 Datasheet
1Mb / 26P
   Available in white (2600 K to 8300 K CCT), 80-, 85- and 90?멌RI minimum
logo
List of Unclassifed Man...
C5500-C-S-12 ETC2-C5500-C-S-12 Datasheet
584Kb / 2P
   HB LEDs available in white, red, blue, and green
logo
P-tec Corporation
PL22-CDR21 P-TEC-PL22-CDR21_14 Datasheet
75Kb / 1P
   Available in Color, White
logo
OSA Opto Light GmbH
OCL-400SW OSA-OCL-400SW Datasheet
238Kb / 7P
   White ??high CRI
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MYA0 AVAGO-ASMT-MYA0 Datasheet
529Kb / 6P
   Available in Warm White color
logo
Everlight Electronics C...
EHP-B05MLG EVERLIGHT-EHP-B05MLG Datasheet
1Mb / 26P
   CRI 75 White LED
logo
Quelighting Corp
QLSP01WCF-119 QUELIGHTING-QLSP01WCF-119 Datasheet
1Mb / 12P
   These high output reflector type Tube LEDs are available in warm white /neutral white / pure white / and cold white to suit customer?셲 application.
1.1 08-26-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com