Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C535A-WJN-CT0W0231 Datasheet(PDF) 5 Page - Cree, Inc

Part # C535A-WJN-CT0W0231
Description  5mm Round LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C535A-WJN-CT0W0231 Datasheet(HTML) 5 Page - Cree, Inc

  C535A-WJN-CT0W0231 Datasheet HTML 1Page - Cree, Inc C535A-WJN-CT0W0231 Datasheet HTML 2Page - Cree, Inc C535A-WJN-CT0W0231 Datasheet HTML 3Page - Cree, Inc C535A-WJN-CT0W0231 Datasheet HTML 4Page - Cree, Inc C535A-WJN-CT0W0231 Datasheet HTML 5Page - Cree, Inc C535A-WJN-CT0W0231 Datasheet HTML 6Page - Cree, Inc C535A-WJN-CT0W0231 Datasheet HTML 7Page - Cree, Inc C535A-WJN-CT0W0231 Datasheet HTML 8Page - Cree, Inc C535A-WJN-CT0W0231 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
5
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
5
Cree 5-mm Round LED
C535A-WJN
Bin
Code
Sub-
bin
x
y
W2
Wg1
0.2735
0.2860
0.2783
0.2955
0.2817
0.2889
0.2772
0.2800
Wg2
0.2772
0.2800
0.2817
0.2889
0.2852
0.2823
0.2808
0.2740
Wg3
0.2783
0.2955
0.2830
0.3050
0.2863
0.2978
0.2817
0.2889
Wg4
0.2817
0.2889
0.2863
0.2978
0.2895
0.2905
0.2852
0.2823
Wh1
0.2808
0.2740
0.2852
0.2823
0.2886
0.2756
0.2844
0.2680
Wh2
0.2844
0.2680
0.2886
0.2756
0.2920
0.2690
0.2880
0.2620
Wh3
0.2852
0.2823
0.2895
0.2905
0.2928
0.2833
0.2886
0.2756
Wh4
0.2886
0.2756
0.2928
0.2833
0.2960
0.2760
0.2920
0.2690
Bin
Code
Sub-
bin
x
y
W3
Wj1
0.2830
0.3050
0.2890
0.3130
0.2918
0.3048
0.2863
0.2978
Wj2
0.2863
0.2978
0.2918
0.3048
0.2947
0.2967
0.2895
0.2905
Wj3
0.2890
0.3130
0.2950
0.3210
0.2974
0.3119
0.2918
0.3048
Wj4
0.2918
0.3048
0.2974
0.3119
0.2998
0.3028
0.2947
0.2967
Wk1
0.2895
0.2905
0.2947
0.2967
0.2975
0.2890
0.2928
0.2833
Wk2
0.2928
0.2833
0.2975
0.2890
0.3003
0.2813
0.2960
0.2760
Wk3
0.2947
0.2967
0.2998
0.3028
0.3022
0.2946
0.2975
0.2890
Wk4
0.2975
0.2890
0.3022
0.2946
0.3045
0.2865
0.3003
0.2813
Bin
Code
Sub-
bin
x
y
W3
Wm1
0.2950
0.3210
0.3010
0.3290
0.3030
0.3190
0.2974
0.3119
Wm2
0.2974
0.3119
0.3030
0.3190
0.3050
0.3090
0.2998
0.3028
Wm3
0.3010
0.3290
0.3070
0.3370
0.3085
0.3260
0.3030
0.3190
Wm4
0.3030
0.3190
0.3085
0.3260
0.3100
0.3150
0.3050
0.3090
Wn1
0.2998
0.3028
0.3050
0.3090
0.3070
0.3005
0.3022
0.2946
Wn2
0.3022
0.2946
0.3070
0.3005
0.3090
0.2920
0.3045
0.2865
Wn3
0.3050
0.3090
0.3100
0.3150
0.3115
0.3060
0.3070
0.3005
Wn4
0.3070
0.3005
0.3115
0.3060
0.3130
0.2970
0.3090
0.2920
COLOR BIN LIMIT (I
F = 20 mA)
• Tolerance of measurement of the color coordinates is ±0.01.


Similar Part No. - C535A-WJN-CT0W0231

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C535A-WJN-CT0W0231 CREE-C535A-WJN-CT0W0231 Datasheet
944Kb / 14P
   Cree짰 5mm Round LED
More results

Similar Description - C535A-WJN-CT0W0231

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C512A MARKTECH-C512A Datasheet
979Kb / 10P
   5mm Round LED
logo
Cree, Inc
C535A-WJN CREE-C535A-WJN Datasheet
339Kb / 7P
   5mm Round LED
logo
Marktech Corporate
C503B_WAN MARKTECH-C503B_WAN Datasheet
1Mb / 10P
   5mm Round LED
C503B_WAN MARKTECH-C503B_WAN_15 Datasheet
1Mb / 10P
   5mm Round LED
C535A MARKTECH-C535A_15 Datasheet
509Kb / 9P
   5mm Round LED
logo
Cree, Inc
C503D-WAN CREE-C503D-WAN Datasheet
701Kb / 9P
   5mm Round LED
logo
Marktech Corporate
C535A MARKTECH-C535A Datasheet
509Kb / 9P
   5mm Round LED
logo
Cree, Inc
C512T-WNS CREE-C512T-WNS_11 Datasheet
928Kb / 9P
   5mm Round LED
logo
Marktech Corporate
C512A MARKTECH-C512A_15 Datasheet
979Kb / 10P
   5mm Round LED
logo
List of Unclassifed Man...
QBL8IW35D ETC1-QBL8IW35D Datasheet
570Kb / 8P
   5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com