Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A121K11CWABP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. A121K11CWABP
Description  Letter codes G and Q 6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC2 - List of Unclassifed Manufacturers

A121K11CWABP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  A121K11CWABP Datasheet HTML 1Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 2Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 3Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 4Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 5Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MINIATURE SWITCHES
42
Litho in U.S.A GG
AV1
w/.100" terminal spacing
AV2
w/.150" terminal spacing (pictured below)
Termination/Mounting Options
ONE POLE Epoxy sealed P.C. terminals are supplied as standard for these options.
AV1
w/.100" terminal spacing
AV2
w/.150" terminal spacing (pictured below)
TWO POLE Epoxy sealed P.C. terminals are supplied as standard for these options.
AV
w/.100" terminal spacing
AV2
w/.150" terminal spacing (pictured below)
THREE POLE Epoxy sealed P.C. terminals are supplied as standard for these options.
AV
w/.100" terminal spacing
AV2
w/.150" terminal spacing (pictured below)
FOUR POLE Epoxy sealed P.C. terminals are supplied as standard for these options.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn