Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A121K11CWABP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. A121K11CWABP
Description  Letter codes G and Q 6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC2 - List of Unclassifed Manufacturers

A121K11CWABP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  A121K11CWABP Datasheet HTML 1Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 2Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 3Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 4Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 5Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MINIATURE SWITCHES
Litho in U.S.A GG
41
Termination Options
C Printed
W Wire-Wrap
W1 Wire-Wrap
W3 Wire-Wrap
W4 Wire-Wrap
Z STANDARD
Z3 Quick
CIRCUIT
CONNECT
Mating Receptacle from
AMP SPECIAL IND.,
P.O. Box 984, Paoli,
Pa. 19301 Amp P/N
single piece 61454
series, strip from 60900
TERMINATION/MOUNTING OPTIONS
One Pole
A
NOTE: Wire-Wrap is a registered trademark of the Gardner-Denver Company.
Two Pole
A
Three Pole
A
R
One Pole
R2
One Pole
Contacts
Make on
Opposite Side
Toggle
Thrown
Contacts
Make on
Opposite Side
Toggle
Thrown
Right Angle P.C. Terminal
EPOXY SEAL
STD. FOR
THIS OPTION


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn