Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A121K11CWABP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. A121K11CWABP
Description  Letter codes G and Q 6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC2 - List of Unclassifed Manufacturers

A121K11CWABP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A121K11CWABP Datasheet HTML 1Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 2Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 3Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 4Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 5Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MINIATURE SWITCHES
40
Litho in U.S.A GG
M
Short (.200")
P1
Flatted (.840")
P3
Flatted (.448")
S
Std. Bat (.410")
T
Large Toggle
T1
Large Toggle
P4
Flatted (.250")
Toggle Lever Options — Contd.
CW
Splashproof Sealed Lever and Panel Seal
D
Threaded
D9
Smooth
(No Keyway)
H
High Torque Flatted with Shoulder
H3
High Torque
P
Anti-Rotation
TW
Splashproof Sealed Lever
and Panel Seal
OX
Threaded with Lever Seal
Y
Threaded
Y9
Smooth (No Keyway)
Y5
Long Bushing (.437")
BUSHING OPTIONS
CW = Flatted bushing
K
Refer to K1 lever drawing for dimensions.
T&TX Refer to T or T1 lever drawing for dimensions.
Note: For hardware refer to pages 55-57.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn