Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A121K11CWABP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. A121K11CWABP
Description  Letter codes G and Q 6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC2 - List of Unclassifed Manufacturers

A121K11CWABP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A121K11CWABP Datasheet HTML 1Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 2Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 3Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 4Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 5Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MINIATURE SWITCHES
Litho in U.S.A GG
39
Toggle Switches — Base Dimensions and Lever Options
APPROXIMATE BASE DIMENSIONS
K1
Locking Lever
TOGGLE LEVER OPTIONS
L0
Long (.840")
L1
Long (.640")
L2
Long (.550")
L3
Plastic (.840")
L4
Plastic (.571")
THREE POLE
FOUR POLE
ONE POLE
TWO POLE


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn