Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9113 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL9113
Description  Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9113 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL9113 Datasheet HTML 5Page - Intersil Corporation ISL9113 Datasheet HTML 6Page - Intersil Corporation ISL9113 Datasheet HTML 7Page - Intersil Corporation ISL9113 Datasheet HTML 8Page - Intersil Corporation ISL9113 Datasheet HTML 9Page - Intersil Corporation ISL9113 Datasheet HTML 10Page - Intersil Corporation ISL9113 Datasheet HTML 11Page - Intersil Corporation ISL9113 Datasheet HTML 12Page - Intersil Corporation ISL9113 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ISL9113
9
FN8313.3
February 23, 2015
Submit Document Feedback
Output Voltage Setting Resistor Selection
For the ISL9113 adjustable output version, resistors R1 and R2,
shown in the Block Diagram “ISL9113ERAZ” on page 3, set the
desired output voltage values. The output voltage can be
calculated using Equation 1:
where VFB is the internal FB reference voltage (0.8V typical). The
current flowing through the divider resistors is calculated as
VOUT /(R1 + R2). Large resistance is recommended to minimize
current into the divider and thus improve the total efficiency of
the converter. R1 and R2 should be placed close to the FB pin of
the device to prevent noise pickup.
Inductor Selection
An inductor with core material suitable for high frequency
applications (e.g., ferrite) is desirable to minimize core loss and
improve efficiency. The inductor should have a low ESR to reduce
copper loss. Moreover, the inductor saturation current should be
higher than the maximum peak current of the device; i.e., 1.5A.
The device is designed to operate with an inductor value of 2.2µH
to provide stable operation across the range of load, input and
output voltages. Stable mode switching between PWM and skip
mode operation is guaranteed at this inductor value. Table 2
shows recommended inductors.
Capacitor Selection
INPUT CAPACITOR
A minimum of a 4.7µF ceramic capacitor is recommended to
provide stable operation under typical operating conditions. For
input voltage less than 1.0V application, an additional 4.7µF
ceramic capacitor is recommended for better noise filtering and
EMI suppression. The input capacitor should be placed close to
the input pin, GND pin and the non-switching terminal of the
inductor.
OUTPUT CAPACITOR
For the output capacitor, a ceramic capacitor with small ESR is
recommended to minimize output voltage ripple. A typical 4.7µF
should be used to provide stable operation at different typical
operating conditions. The output capacitor should be placed
close to the output pin and GND pin of the device. Table 3 shows
the recommended capacitors.
TABLE 1. FAULT DETECTION AND RESPONSE
FAULT CONDITION
DETECTION DETAILS
ACTION
Low Battery Voltage
VBAT < 0.7V
Shut down until VEN or VBAT is cycled.
VOUT out of Regulation
VOUT is 10% below the target output voltage Shut down only if VBAT and VOUT fall below 2.1V. Device
automatically restarts after 200ms.
FAULT signal switches ON and OFF when VOUT drops
out of regulation due to overload condition.
Short Circuit
VOUT falls below VBAT
Shut down immediately. Device automatically restarts
after 200ms.
Over-temperature Protection
Die temperature is > +150°C
Switching stops. Device automatically restarts when
temperature decreases to +125°C.
Output Overvoltage Protection (ADJ version only) VOUT > 5.9V
Switching stops until EN pin is toggled or power is
cycled.
TABLE 2. INDUCTOR VENDOR INFORMATION
MANUFACTURER
PART NUMBER
DIMENSIONS- W x L x H (mm)
Murata
LQH32PN2R2NN0L
3.2 x 2.5 x 1.7(max)
Toko
1239AS-H-2R2M
2.5 x 2.0 x 1.2(max)
1286AS-H-2R2M
2.0 x 1.6 x 1.2(max)
TDK
TFM201610A-2R2M
2.0 x 1.6 x 1.0(max)
Cyntec
PSE25201B-2R2MS
2.0 x 1.6 x 1.2(max)
VOUT
VFB 1
R1
R2
-------
+



=
(EQ. 1)
TABLE 3. CAPACITOR VENDOR INFORMATION
MANUFACTURER
SERIES
WEBSITE
AVX
X5R
www.avx.com
Murata
X5R
www.murata.com
Taiyo Yuden
X5R
www.t-yuden.com
TDK
X5R
www.tdk.com


Similar Part No. - ISL9113

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9113 RENESAS-ISL9113 Datasheet
1,003Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
   High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
ISL91133 RENESAS-ISL91133 Datasheet
204Kb / 2P
   High Efficiency 2.3A Boost Regulator With Input-to-Output Bypass
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
   High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
logo
Intersil Corporation
ISL9113A INTERSIL-ISL9113A Datasheet
528Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
January 4, 2017
More results

Similar Description - ISL9113

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9113A RENESAS-ISL9113A Datasheet
737Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL78113AARAZ-T INTERSIL-ISL78113AARAZ-T Datasheet
571Kb / 12P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
May 1, 2014
logo
Renesas Technology Corp
ISL9113 RENESAS-ISL9113 Datasheet
1,003Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
ISL78113A RENESAS-ISL78113A Datasheet
859Kb / 12P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL9113A INTERSIL-ISL9113A Datasheet
528Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
January 4, 2017
logo
Renesas Technology Corp
ISL9111 RENESAS-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Intersil Corporation
ISL9111 INTERSIL-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Shenzhen Huazhimei Semi...
HM6380 HMSEMI-HM6380 Datasheet
1Mb / 13P
   Low-power, high-efficiency synchronous boost converter
logo
E-CMOS Corporation
EC90X9 E-CMOS-EC90X9 Datasheet
574Kb / 9P
   High efficiency synchronous boost converter
logo
Diodes Incorporated
AP72250 DIODES-AP72250 Datasheet
804Kb / 2P
   Synchronous Boost Converter with Ultra Low Input Voltage Enables 5A Switch Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com