Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK526 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # STK526
Description  AT90USB82/162 TQFP device (2.7V
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK526 Datasheet(HTML) 4 Page - ATMEL Corporation

  STK526 Datasheet HTML 1Page - ATMEL Corporation STK526 Datasheet HTML 2Page - ATMEL Corporation STK526 Datasheet HTML 3Page - ATMEL Corporation STK526 Datasheet HTML 4Page - ATMEL Corporation STK526 Datasheet HTML 5Page - ATMEL Corporation STK526 Datasheet HTML 6Page - ATMEL Corporation STK526 Datasheet HTML 7Page - ATMEL Corporation STK526 Datasheet HTML 8Page - ATMEL Corporation STK526 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Introduction
STK526 rev. B Hardware User Guide
1-3
7709B–AVR–07/08
Figure 1-1 . STK526 Board
1.2
STK526 - AT90USB82/162 Starter Kit Features
The STK526 rev. B provides the following features:
AT90USB82/162 TQFP device (2.7V<Vcc<5.5V)
AVR Studio® software interface
(1)
USB software interface for Device Firmware Upgrade (DFU bootloader) (2)
STK500 compatible (supports Parallel High-Voltage Programming)
Power supply flagged by “POWER-ON” LED:
– from an external power connector, with a 3.3V or 5V regulation
– from the USB interface (USB device bus powered application)
– from STK500
– using or not the 3.3V on-chip regulator of AT90USB82/162
ISP connector :
– for on-chip ISP
– for on-chip debugging using JTAG ICE and debugWire protocol
Serial interfaces:
– 1 USB full speed device interface
– RS-232C ports with RTS/CTS handshake lines
On-board resources:
– 4-ways + 1-select joystick
–4 LEDs
– serial 8Mo dataflash memory
On-board RESET button
On-board HWB button for force bootloader execution at reset.


Similar Part No. - STK526

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
STK520 ATMEL-STK520 Datasheet
773Kb / 24P
   STK520 is a New Member of the Successful STK500 Starter Kit Family
STK521 ATMEL-STK521 Datasheet
1Mb / 22P
   Atmel AVR STK521 is a new member of the successful Atmel STK500 starter kit family
STK525 ATMEL-STK525 Datasheet
889Kb / 39P
   AT90USBxxx TQFP device (2.7V
More results

Similar Description - STK526

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
STK525 ATMEL-STK525 Datasheet
889Kb / 39P
   AT90USBxxx TQFP device (2.7V
AT88CK109STK3 ATMEL-AT88CK109STK3 Datasheet
857Kb / 38P
   AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
logo
EHAOAN.
HS538 EHAOAN-HS538 Datasheet
1Mb / 8P
   2.7V or 5.5V supply voltage
logo
Guangdong Youtai Semico...
SN74LVC1G125 UMW-SN74LVC1G125 Datasheet
695Kb / 10P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC1G126 UMW-SN74LVC1G126 Datasheet
940Kb / 10P
   Designed for 1.65V to 5.5V VCC Operation
SN74LVC2G14 UMW-SN74LVC2G14_V01 Datasheet
795Kb / 9P
   Designed for 1.65V to 5.5V VCC Operation
logo
ATMEL Corporation
DVK90CAN1 ATMEL-DVK90CAN1 Datasheet
2Mb / 61P
   AT90CAN128 TQFP device (3 or 5V),
logo
List of Unclassifed Man...
FM24C02C ETC2-FM24C02C Datasheet
1Mb / 23P
   Low Operation Voltage: VCC = 1.7V to 5.5V
logo
Guangdong Youtai Semico...
SN74LVC2G04 UMW-SN74LVC2G04 Datasheet
721Kb / 8P
   Designed for 1.65V to 5.5V VCC Operation
logo
Golledge Electronics Lt...
GSXO-71 GOLLEDGE-GSXO-71 Datasheet
90Kb / 2P
   2.7V ~ 5.5V SM TCXO CLIPPED SINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com