Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2-71683-LR Datasheet(PDF) 6 Page - Intersil Corporation

Part # D2-71683-LR
Description  Powered Speaker Systems
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

D2-71683-LR Datasheet(HTML) 6 Page - Intersil Corporation

Back Button D2-71683-LR Datasheet HTML 2Page - Intersil Corporation D2-71683-LR Datasheet HTML 3Page - Intersil Corporation D2-71683-LR Datasheet HTML 4Page - Intersil Corporation D2-71683-LR Datasheet HTML 5Page - Intersil Corporation D2-71683-LR Datasheet HTML 6Page - Intersil Corporation D2-71683-LR Datasheet HTML 7Page - Intersil Corporation D2-71683-LR Datasheet HTML 8Page - Intersil Corporation D2-71683-LR Datasheet HTML 9Page - Intersil Corporation D2-71683-LR Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
D2-7xx83
6
FN7838.3
April 28, 2016
Submit Document Feedback
ADCVDD Typical ADC Analog Supply
(Voltage)
3.0
3.3
3.6
V
(Current, Active, Power-Down)
-
12
-
mA
CRYSTAL OSCILLATOR
Xo
Crystal Frequency (Fundamental Mode Crystal)
20
24.576
24.822
(24.576 + 1%)
MHz
Dt
Duty Cycle
40
-
60
%
tSTART
Start-Up Time (Start-Up Time is Oscillator Enabled
(with Valid Supply) to Stable Oscillation)
-5
20
ms
PLL
FVCO
VCO Frequency
80.00
294.912
297.86
MHz
FIN
Input Reference Frequency
20
-
24.822
(24.576 + 1%)
MHz
Feedback Dividers (Integer)
4
12
15
PLL Lock Time from any Input Change
-
2
-
ms
1.8V POWER-ON RESET
VEN
Reset Enabled Voltage Level
-
1.1
1.4
V
tREJ
POR Pulse Width Rejection
-
150
500
(Note 12)
µs
tDIS
POR Minimum Output Pulse Width
-
5
-
µs
1.8V BROWNOUT DETECTION
Detect Level
1.4
1.5
1.6
V
tBOD1
Pulse Width Rejection
-
100
-
ns
tO1
Minimum Output Pulse Width
20
-
-
ns
3.3V BROWNOUT DETECTION
Detect Level
2.5
2.7
2.9
V
tBOD3
Pulse Width Rejection
-
100
-
ns
tO3
Minimum Output Pulse Width
20
-
-
ns
ADC PERFORMANCE SPECIFICATIONS
VREF
ADCREF DC Level
IREF = 0
1.3
1.4
1.5
V
IREF
ADCREF Load Current
-
-
±20
µA
RREF
ADCREF Source Impedance
-
14
-
VAIN
Analog Input Level
VREF - 0.6
-
VREF + 0.6
V
Dynamic Range
-94-
dB
THD+N
-
-80
-
dB
Gain Mismatch
-0.1
-
dB
Crosstalk
-
-80
-
dB
Power Supply Rejection
-
-70
-
dB
NOTES:
8. All input pins except XTALI.
9. Input leakage applies to all pins except XTALO.
10. Power-down is with device in reset and clocks stopped.
11. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
12. Limits established by characterization and are not production tested.
Electrical Specifications TA = +25°C, CVDD = PLLVDD = 1.8V ±5%, RVDD = PWMVDD = 3.3V ±10%. All grounds at 0.0V. All voltages
referenced to ground. PLL at 294.912MHz, OSC at 24.576MHz, core running at 147.456MHz with typical audio data traffic. Minimum supply currents are
measured in full power down configuration. (Continued)
SYMBOL
PARAMETER
TEST
CONDITIONS
MIN
(Note 11)TYP
MAX
(Note 11)UNIT


Similar Part No. - D2-71683-LR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
D2-71683-LR INTERSIL-D2-71683-LR Datasheet
713Kb / 33P
   Intelligent Digital Amplifier and Sound Processor
September 29, 2011
More results

Similar Description - D2-71683-LR

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
   Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
   Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
   Battery Powered Systems
AMS2950ACN-X ADMOS-AMS2950ACN-X Datasheet
148Kb / 14P
   Battery Powered Systems
LP2950ACN-X ADMOS-LP2950ACN-X Datasheet
142Kb / 14P
   Battery Powered Systems
AMS285-2.5AN ADMOS-AMS285-2.5AN Datasheet
172Kb / 8P
   Battery Powered Systems
logo
Silicon Laboratories
TS1108 SILABS-TS1108 Datasheet
1Mb / 23P
   Portable/Battery-Powered Systems
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com