Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2-71683-LR Datasheet(PDF) 3 Page - Intersil Corporation

Part # D2-71683-LR
Description  Powered Speaker Systems
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

D2-71683-LR Datasheet(HTML) 3 Page - Intersil Corporation

  D2-71683-LR Datasheet HTML 1Page - Intersil Corporation D2-71683-LR Datasheet HTML 2Page - Intersil Corporation D2-71683-LR Datasheet HTML 3Page - Intersil Corporation D2-71683-LR Datasheet HTML 4Page - Intersil Corporation D2-71683-LR Datasheet HTML 5Page - Intersil Corporation D2-71683-LR Datasheet HTML 6Page - Intersil Corporation D2-71683-LR Datasheet HTML 7Page - Intersil Corporation D2-71683-LR Datasheet HTML 8Page - Intersil Corporation D2-71683-LR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
D2-7xx83
3
FN7838.3
April 28, 2016
Submit Document Feedback
DAE-6 Device Feature Set Offering
The D2-7xx83 family has specific part numbers to specify the features and algorithms supported in the device. These part numbers
their supported features are shown in Table 1.
TABLE 1. DAE-6 DEVICE PART NUMBERS AND FEATURES
PART NUMBER
FEATURES
ALGORITHM SUPPORT
DSP CLOCK AND MEMORY
(Note 4)
D2-71083-LR
8-Channels Audio of I2S Digital Inputs
2 S/PDIF Digital Inputs
8 Audio Processing Channels with PWM Outputs
Embedded 8-Channel Sample Rate Converter
D2Audio™ SoundSuite™ Audio Processing
147MHz DSP Clock
24k X and Y Memory Capacities
32k P Memory Capacity
D2-74083-LR
8-Channels Audio of I2S Digital Inputs
2 S/PDIF Digital Inputs
8 Audio Processing Channels with PWM Outputs
Embedded 8-Channel Sample Rate Converter
D2Audio™ SoundSuite™ Audio Processing
160MHz DSP Clock
40K X and Y Memory Capacities
56k P Memory Capacity
D2-71583-LR
8-Channels Audio of I2S Digital Inputs
2 S/PDIF Digital Inputs
8 Audio Processing Channels with PWM Outputs
Embedded 8-Channel Sample Rate Converter
D2Audio™ SoundSuite™
Dolby® Digital/AC3 Decoder
Dolby® Pro Logic IIx Surround
DTS® Digital Surround Decoder
147MHz DSP Clock
24k X and Y Memory Capacities
32k P Memory Capacity
D2-74583-LR
8-Channels Audio of I2S Digital Inputs
2 S/PDIF Digital Inputs
8 Audio Processing Channels with PWM Outputs
Embedded 8-Channel Sample Rate Converter
D2Audio™ SoundSuite™
Dolby® Digital/AC3 Decoder
Dolby® Pro Logic IIx Surround
DTS® Digital Surround Decoder
160MHz DSP Clock
40k X and Y Memory Capacities
56k P Memory Capacity
D2-71683-LR
(No longer
available,
recommended
replacement:
D2-71583-LR)
8-Channels Audio of I2S Digital Inputs
2 S/PDIF Digital Inputs
8 Audio Processing Channels with PWM Outputs
Embedded 8-Channel Sample Rate Converter
D2Audio™ SoundSuite™
Dolby® Digital/AC3 Decode Processing
Dolby® Pro Logic IIx Surround Processing
DTS® Digital Surround Decode Processing
AAC LC™ Decode Processing
147MHz DSP Clock
24k X and Y Memory Capacities
32k P Memory Capacity
D2MC-72083-LR
(No longer
available or
supported)
8-Channels Audio of I2S Digital Inputs
2 S/PDIF Digital Inputs
8 Audio Processing Channels with PWM Outputs
Embedded 8-Channel Sample Rate Converter
Mark Levinson MightyCat™ Audio
Processing
147MHz DSP Clock
24k X and Y Memory Capacities
32k P Memory Capacity
D2MC-76083-LR
(No longer
available or
supported)
8-Channels Audio of I2S Digital Inputs
2 S/PDIF Digital Inputs
8 Audio Processing Channels with PWM Outputs
Embedded 8-Channel Sample Rate Converter
Mark Levinson MightyCat™ Audio
Processing
160MHz DSP Clock
40k X and Y Memory Capacities
56k P Memory Capacity
NOTE:
4. 147MHz DSP clock speed represents an actual DSP clock of 147.456MHz, and 160MHz DSP clock speed represents an actual DSP clock
of 159.744MHz, when using a crystal frequency of 24.576MHz.


Similar Part No. - D2-71683-LR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
D2-71683-LR INTERSIL-D2-71683-LR Datasheet
713Kb / 33P
   Intelligent Digital Amplifier and Sound Processor
September 29, 2011
More results

Similar Description - D2-71683-LR

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
   Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
   Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
   Battery Powered Systems
AMS2950ACN-X ADMOS-AMS2950ACN-X Datasheet
148Kb / 14P
   Battery Powered Systems
LP2950ACN-X ADMOS-LP2950ACN-X Datasheet
142Kb / 14P
   Battery Powered Systems
AMS285-2.5AN ADMOS-AMS285-2.5AN Datasheet
172Kb / 8P
   Battery Powered Systems
logo
Silicon Laboratories
TS1108 SILABS-TS1108 Datasheet
1Mb / 23P
   Portable/Battery-Powered Systems
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com