Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6039295 Datasheet(PDF) 2 Page - SICK AG

Part # 6039295
Description  PRESSURE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6039295 Datasheet(HTML) 2 Page - SICK AG

  6039295 Datasheet HTML 1Page - SICK AG 6039295 Datasheet HTML 2Page - SICK AG 6039295 Datasheet HTML 3Page - SICK AG 6039295 Datasheet HTML 4Page - SICK AG 6039295 Datasheet HTML 5Page - SICK AG 6039295 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PHT-RB6X0ST10S0AMS0Z | PHT
PRESSURE SENSORS
Illustration may differ
Ordering information
Type
Part no.
PHT-RB6X0ST10S0AMS0Z
6039295
Other models and accessories
www.sick.com/PHT
Detailed technical data
Features
Medium
Liquid, gaseous
Pressure type
Gauge pressure
Measuring range
0 bar ... 6 bar
Process temperature
–20 °C ... +150 °C
Output signal
4 mA ... 20 mA
EHEDG approval
Performance
Non-linearity
≤ ± 0.2 %, of span (Best Fit Straight Line, BFSL) according to IEC 61298-2
Accuracy
≤ ± 0.5 % of the span optional 0.25 % of span (adjusted in vertical mounting position with low-
er pressure connection)
Non-repeatability
≤ ± 0.1 % of the span
Response time (10 % ... 90 %)
≤ 10 ms
Long-term drift/one-year stability
≤ 0.2 % of the span
Temperature coefficient in rated tempera-
ture range
Mean TC of zero: ≤ 0.2% of span / 10 K for measuring ranges 0 bar ... 0.6 bar up to 0 bar ...
25 bar, Mean TC of zero: ≤ 0.25 % of span/ 10 K with pressure range 0 bar ... 0.4 bar≤ 0.25 %
of span/ 10 K, with pressure range 0 bar ... 0.4 bar, Mean TC of zero: ≤ 0.4% of span / 10 K
for measuring range 0 bar ... 0.25 bar, Mean TC of span ≤ 0.2 % of span / 10 K
Rated temperature range
0 °C ... +80 °C
Mechanics/electronics
Process connection
Tri-Clamp 1 ½"
Wetted parts
Stainless steel 1.4435
Internal transmission fluid
Synthetic oil, FDA approved
Housing material
Stainless steel 1.4571
Electrical connection
Round connector M12 x 1, 4-pin, IP 67
Supply voltage
10 V DC ... 30 V DC
14 V DC ... 30 V DC with output signal 0 V ... 10 V
2
FLUID SENSORS | SICK
Online data sheet | 2017-01-16 15:56:27
Subject to change without notice


Similar Part No. - 6039295

ManufacturerPart #DatasheetDescription
logo
SICK AG
6039291 SICK-6039291 Datasheet
441Kb / 6P
   PRESSURE SENSORS
6039292 SICK-6039292 Datasheet
441Kb / 6P
   PRESSURE SENSORS
6039293 SICK-6039293 Datasheet
441Kb / 6P
   PRESSURE SENSORS
6039294 SICK-6039294 Datasheet
441Kb / 6P
   PRESSURE SENSORS
6039296 SICK-6039296 Datasheet
441Kb / 6P
   PRESSURE SENSORS
More results

Similar Description - 6039295

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com