Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTB75N03RT4 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NTB75N03RT4
Description  Power MOSFET 75 Amps, 25 Volts N-Channel D2PAK, TO-220
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB75N03RT4 Datasheet(HTML) 8 Page - ON Semiconductor

  NTB75N03RT4 Datasheet HTML 1Page - ON Semiconductor NTB75N03RT4 Datasheet HTML 2Page - ON Semiconductor NTB75N03RT4 Datasheet HTML 3Page - ON Semiconductor NTB75N03RT4 Datasheet HTML 4Page - ON Semiconductor NTB75N03RT4 Datasheet HTML 5Page - ON Semiconductor NTB75N03RT4 Datasheet HTML 6Page - ON Semiconductor NTB75N03RT4 Datasheet HTML 7Page - ON Semiconductor NTB75N03RT4 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NTB75N03R, NTP75N03R
http://onsemi.com
8
PACKAGE DIMENSIONS
TO−220
CASE 221A−09
ISSUE AA
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.147
3.61
3.73
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.018
0.025
0.46
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
−−−
1.15
−−−
Z
−−−
0.080
−−−
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
−T−
C
S
T
U
R
J
STYLE 5:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
NTB75N03R/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - NTB75N03RT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB75N03R ONSEMI-NTB75N03R Datasheet
96Kb / 8P
   Power MOSFET 75 Amps, 25 Volts N?묬hannel D2PAK, TO??20
June, 2006 ??Rev. 4
NTB75N03RG ONSEMI-NTB75N03RG Datasheet
96Kb / 8P
   Power MOSFET 75 Amps, 25 Volts N?묬hannel D2PAK, TO??20
June, 2006 ??Rev. 4
More results

Similar Description - NTB75N03RT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP75N06 ONSEMI-NTP75N06_V01 Datasheet
176Kb / 9P
   Power MOSFET 75 Amps, 60 Volts, N−Channel TO−220 and D2PAK
December, 2012 - Rev. 3
NTB75N03RG ONSEMI-NTB75N03RG Datasheet
96Kb / 8P
   Power MOSFET 75 Amps, 25 Volts N?묬hannel D2PAK, TO??20
June, 2006 ??Rev. 4
NTB5426N ONSEMI-NTB5426N Datasheet
118Kb / 7P
   Power MOSFET 120 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 0
NTP5426NG ONSEMI-NTP5426NG Datasheet
136Kb / 7P
   Power MOSFET 120 Amps, 60 Volts N-Channel D2PAK, TO-220
October, 2011 ??Rev. 1
NTB5411N ONSEMI-NTB5411N Datasheet
148Kb / 7P
   Power MOSFET 80 Amps, 60 Volts N-Channel D2PAK, TO-220
October, 2009 ??Rev. 2
NTB5412N ONSEMI-NTB5412N Datasheet
123Kb / 7P
   Power MOSFET 60 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 1
NTP27N06 ONSEMI-NTP27N06 Datasheet
83Kb / 12P
   Power MOSFET 27 Amps, 60 Volts N-Channel TO-220 and D2PAK
August, 2001 ??Rev. 2
NTB23N03R ONSEMI-NTB23N03R Datasheet
63Kb / 6P
   Power MOSFET 23 Amps, 25 Volts N?묬hannel D2PAK
August, 2005 ??Rev. 2
NTP75N03-06 ONSEMI-NTP75N03-06 Datasheet
60Kb / 8P
   Power MOSFET 75 Amps, 30 Volts N?묬hannel TO??20 and D2PAK
December, 2003 ??Rev. 4
NTP6N50 ONSEMI-NTP6N50 Datasheet
60Kb / 8P
   Power MOSFET 6 Amps, 500 Volts N-Channel TO-220
August, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com