Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74LVCH162244A Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74LVCH162244A
Description  3.3V CMOS 16-BIT BUFFER/DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVCH162244A Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74LVCH162244A Datasheet HTML 1Page - Integrated Device Technology IDT74LVCH162244A Datasheet HTML 2Page - Integrated Device Technology IDT74LVCH162244A Datasheet HTML 3Page - Integrated Device Technology IDT74LVCH162244A Datasheet HTML 4Page - Integrated Device Technology IDT74LVCH162244A Datasheet HTML 5Page - Integrated Device Technology IDT74LVCH162244A Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVCH162244A
3.3VCMOS16-BITBUFFER/DRIVERWITH3-STATEOUTPUTS
1
AUGUST 2015
INDUSTRIAL TEMPERATURE RANGE
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
© 2015 Integrated Device Technology, Inc.
DSC-4727/6
FEATURES:
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
•VCC = 3.3V ± 0.3V, Normal Range
•VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4
μμμμμ W typ. static)
• All inputs, outputs, and I/O are 5V tolerant
• Available in TSSOP package
FUNCTIONAL BLOCK DIAGRAM
APPLICATIONS:
• 5V and 3.3V mixed voltage systems
• Data communication and telecommunication systems
DRIVE FEATURES:
• Balanced Output Drivers: ±12mA
• Full internal series termination
IDT74LVCH162244A
DESCRIPTION:
The LVCH162244A 16-bit buffer/driver is built using advanced dual
metal CMOS technology. The LVCH162244A is designed specifically to
improve both the performance and density of 3-state memory address
drivers, clock drivers, and bus-oriented receivers and transmitters. The
devicecanbeusedasfour4-bitbuffers,two8-bitbuffers,orone16-bitbuffer.
Thisdeviceprovidestrueoutputsandsymmetricalactive-lowoutput-enable
(OE) inputs.
All pins of this 16-bit buffer/driver can be driven from either 3.3V or 5V
devices. This feature allows the use of this device as a translator in a mixed
3.3V/5V supply system.
The LVCH162244A has series resistors in the device output structure
which will significantly reduce line noise when used with light loads. This
driver has been developed to drive ±12mA at the designated threshold
levels.
The LVCH162244A has “bus-hold” which retains the inputs’ last state
whenever the input goes to a high impedance. This prevents floating inputs
and eliminates the need for pull-up/down resistors.
3.3V CMOS 16-BIT
BUFFER/DRIVER WITH 3-STATE
OUTPUTS, 5 VOLT TOLERANT I/O,
AND BUS-HOLD
1
A1
1
A2
1
A3
1
A4
1
Y1
1
OE
1
Y2
1
Y3
1
Y4
2
A1
2
A2
2
A3
2
A4
2
Y1
2
OE
2
Y2
2
Y3
2
Y4
3
A1
3
A2
3
A3
3
A4
3
Y1
3
OE
3
Y2
3
Y3
3
Y4
4
A1
4
A2
4
A3
4
A4
4
Y1
4
OE
4
Y2
4
Y3
4
Y4
1
47
46
44
43
48
41
40
38
37
2
3
5
6
8
9
11
12
25
36
35
33
32
24
30
29
27
26
13
14
16
17
19
20
22
23


Similar Part No. - IDT74LVCH162244A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVCH162244A IDT-IDT74LVCH162244A Datasheet
76Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, AND BUS-HOLD
logo
Renesas Technology Corp
IDT74LVCH162244A RENESAS-IDT74LVCH162244A Datasheet
303Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, AND BUS-HOLD
AUGUST 2015
logo
Integrated Device Techn...
IDT74LVCH162244APA IDT-IDT74LVCH162244APA Datasheet
76Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, AND BUS-HOLD
IDT74LVCH162244APAG IDT-IDT74LVCH162244APAG Datasheet
76Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, AND BUS-HOLD
IDT74LVCH162244APV IDT-IDT74LVCH162244APV Datasheet
76Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, AND BUS-HOLD
More results

Similar Description - IDT74LVCH162244A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC16244A IDT-IDT74LVC16244A_15 Datasheet
107Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74LVC162244A IDT-IDT74LVC162244A_15 Datasheet
107Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVC16244A IDT-IDT74ALVC16244A_16 Datasheet
93Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74LVCH16244A IDT-IDT74LVCH16244A_15 Datasheet
224Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVC16244A IDT-IDT74ALVC16244A_09 Datasheet
84Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVCH162244 IDT-IDT74ALVCH162244_16 Datasheet
96Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
logo
Renesas Technology Corp
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT163244 IDT-IDT74FCT163244 Datasheet
108Kb / 6P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT163244CPVG IDT-IDT74FCT163244CPVG Datasheet
84Kb / 6P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com