Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74LVCH32245A Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74LVCH32245A
Description  3.3V CMOS 32-BIT BUS TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVCH32245A Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74LVCH32245A Datasheet HTML 1Page - Integrated Device Technology IDT74LVCH32245A Datasheet HTML 2Page - Integrated Device Technology IDT74LVCH32245A Datasheet HTML 3Page - Integrated Device Technology IDT74LVCH32245A Datasheet HTML 4Page - Integrated Device Technology IDT74LVCH32245A Datasheet HTML 5Page - Integrated Device Technology IDT74LVCH32245A Datasheet HTML 6Page - Integrated Device Technology IDT74LVCH32245A Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74LVCH32245A
3.3VCMOS32-BITBUSTRANSCEIVERWITH3-STATEOUTPUTS
TOP VIEW
1.5 mm Max.
1.4 mm Nom.
1.3 mm Min.
0.8mm
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
5.5mm
1
2
3
4
5
6
1
3
2
4
5
6
13.5mm
LFBGA
TOPVIEW
96 BALL LFBGA PACKAGE ATTRIBUTES
PIN CONFIGURATION
A
B
C
E
F
G
H
J
K
L
M
N
P
D
R
T
6
5
4
3
2
1
1
A6
1
A8
2
A1
2
A2
2
A4
2
A7
1
A4
1
A5
1
A7
2
A6
2
A8
2
A3
2
A5
1
A2
1
A3
1
A1
VCC
GND
3
A8
3
A2
3
A4
4
A1
4
A3
4
A2
3
A3
3
A5
4
A4
3
A1
4
A6
VCC
1
B1
GND
GND
VCC
1
B2
1
B3
4
B6
4
B7
GND
2
B2
2
B4
1
B4
1
B5
1
B7
2
B6
2
B8
3
B7
4
B2
3
B3
3
B5
4
B4
3
B1
1
B6
1
B8
2
B1
2
B7
2
B3
2
B5
3
B6
3
B8
3
B2
3
B4
4
B1
4
B3
GND
VCC
GND
VCC
GND
GND
VCC
GND
GND
GND
3
A7
3
A6
GND
1
OE
3
OE
4
A5
4
A7
4
A8
4
OE
4
B8
4
B5
VCC
GND
2
DIR
1
DIR
VCC
GND
GND
GND
2
OE
3
DIR
4
DIR


Similar Part No. - IDT74LVCH32245A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVCH32245A IDT-IDT74LVCH32245A Datasheet
135Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
IDT74LVCH32245ABF IDT-IDT74LVCH32245ABF Datasheet
135Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
More results

Similar Description - IDT74LVCH32245A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74ALVCH32245 IDT-IDT74ALVCH32245_16 Datasheet
103Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER
IDT74LVCH162245A IDT-IDT74LVCH162245A_15 Datasheet
243Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVC16245A IDT-IDT74LVC16245A_15 Datasheet
121Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCHR162245A IDT-IDT74LVCHR162245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCH16245A IDT-IDT74LVCH16245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVC162245 IDT-IDT74ALVC162245_09 Datasheet
96Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVCH16245 IDT-IDT74ALVCH16245_16 Datasheet
97Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVC162245A IDT-IDT74LVC162245A_15 Datasheet
122Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCR162245A IDT-IDT74LVCR162245A_15 Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
logo
Renesas Technology Corp
IDT74ALVCH32245 RENESAS-IDT74ALVCH32245 Datasheet
287Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com