Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVCH16543APAG8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 74LVCH16543APAG8
Description  3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74LVCH16543APAG8 Datasheet(HTML) 4 Page - Integrated Device Technology

  74LVCH16543APAG8 Datasheet HTML 1Page - Integrated Device Technology 74LVCH16543APAG8 Datasheet HTML 2Page - Integrated Device Technology 74LVCH16543APAG8 Datasheet HTML 3Page - Integrated Device Technology 74LVCH16543APAG8 Datasheet HTML 4Page - Integrated Device Technology 74LVCH16543APAG8 Datasheet HTML 5Page - Integrated Device Technology 74LVCH16543APAG8 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74LVCH16543A
3.3VCMOS16-BITREGISTEREDTRANSCEIVERWITH3-STATEOUTPUTS
NOTE:
1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C.
OUTPUT DRIVE CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = 2.3V to 3.6V
IOH = – 0.1mA
VCC – 0.2
V
VCC = 2.3V
IOH = – 6mA
2
VCC = 2.3V
IOH = – 12mA
1.7
VCC = 2.7V
2.2
VCC = 3V
2.4
VCC = 3V
IOH = – 24mA
2
VOL
OutputLOWVoltage
VCC = 2.3V to 3.6V
IOL = 0.1mA
0.2
V
VCC = 2.3V
IOL = 6mA
0.4
IOL = 12mA
0.7
VCC = 2.7V
IOL = 12mA
0.4
VCC = 3V
IOL = 24mA
0.55
OPERATING CHARACTERISTICS, VCC = 3.3V ± 0.3V, TA = 25°C
Symbol
Parameter
Test Conditions
Typical
Unit
CPD
PowerDissipationCapacitanceperTransceiverOutputsenabled
CL = 0pF, f = 10Mhz
44
pF
CPD
PowerDissipationCapacitanceperTransceiverOutputsdisabled
4
SWITCHING CHARACTERISTICS(1)
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay,TransparentMode
6.1
1.2
5.4
ns
tPHL
xAx to xBx or xBx to xAx
tPLH
PropagationDelay
7.4
1.5
6.1
ns
tPHL
xLEBA to xAx, xLEAB to xBx
tPZH
OutputEnableTime
7.9
1.2
6.6
ns
tPZL
xCEBA or xCEAB to xAx or xBx
tPZH
OutputEnableTime
7.6
1
6.3
ns
tPZL
xOEBA or xOEAB to xAx or xBx
tPHZ
OutputDisableTime
7.1
1.5
6.6
ns
tPLZ
xCEBA or xCEAB to xAx or xBx
tPHZ
OutputDisableTime
6.9
1.5
6.3
ns
tPLZ
xOEBA or xOEAB to xAx or xBx
tSU
Set-upTime,databefore CE
1.1
1.1
ns
tSU
Set-up Time, data before LE
↑, CELOW
1.1
1.1
ns
tH
Hold Time, data after CE
1.9
1.9
ns
tH
Hold Time, data after LE
↑, CE LOW
1.9
1.9
ns
tW
Pulse Duration, xLEBA or xLEAB, xCEBA or xCEAB LOW
3.3
3.3
ns
tSK(o)
OutputSkew(2)
——
500
ps
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2. Skew between any two outputs of the same package and switching in the same direction.


Similar Part No. - 74LVCH16543APAG8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVCH16543ADGGRE4 TI-74LVCH16543ADGGRE4 Datasheet
494Kb / 18P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74LVCH16543ADGGRG4 TI-74LVCH16543ADGGRG4 Datasheet
494Kb / 18P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74LVCH16543ADGVRE4 TI-74LVCH16543ADGVRE4 Datasheet
494Kb / 18P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74LVCH16543ADGVRG4 TI-74LVCH16543ADGVRG4 Datasheet
494Kb / 18P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74LVCH16543ADLRG4 TI-74LVCH16543ADLRG4 Datasheet
494Kb / 18P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVCH16543APAG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163952A IDT-IDT74FCT163952A Datasheet
105Kb / 7P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74FCT163501 IDT-IDT74FCT163501 Datasheet
111Kb / 7P
   3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT16952AT IDT-IDT74FCT16952AT_18 Datasheet
90Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16952AT RENESAS-IDT74FCT16952AT Datasheet
219Kb / 8P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
MAY 2018
logo
Integrated Device Techn...
IDT74FCT16952AT IDT-IDT74FCT16952AT Datasheet
66Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LCX646 PERICOM-PI74LCX646 Datasheet
69Kb / 5P
   Fast CMOS 3.3V 8-Bit Registered Transceiver
logo
Motorola, Inc
MC74LCX16646 MOTOROLA-MC74LCX16646 Datasheet
164Kb / 10P
   LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LPT16952 PERICOM-PI74LPT16952 Datasheet
57Kb / 5P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
logo
NXP Semiconductors
74ALVT16953 PHILIPS-74ALVT16953 Datasheet
100Kb / 14P
   2.5V/3.3V 16-bit registered transceiver 3-State
1998 Mar 26
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com