Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74LVCH16543A Datasheet(PDF) 4 Page - Integrated Device Technology

Part No. IDT74LVCH16543A
Description  3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVCH16543A Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74LVCH16543A Datasheet HTML 1Page - Integrated Device Technology IDT74LVCH16543A Datasheet HTML 2Page - Integrated Device Technology IDT74LVCH16543A Datasheet HTML 3Page - Integrated Device Technology IDT74LVCH16543A Datasheet HTML 4Page - Integrated Device Technology IDT74LVCH16543A Datasheet HTML 5Page - Integrated Device Technology IDT74LVCH16543A Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74LVCH16543A
3.3VCMOS16-BITREGISTEREDTRANSCEIVERWITH3-STATEOUTPUTS
NOTE:
1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C.
OUTPUT DRIVE CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = 2.3V to 3.6V
IOH = – 0.1mA
VCC – 0.2
V
VCC = 2.3V
IOH = – 6mA
2
VCC = 2.3V
IOH = – 12mA
1.7
VCC = 2.7V
2.2
VCC = 3V
2.4
VCC = 3V
IOH = – 24mA
2
VOL
OutputLOWVoltage
VCC = 2.3V to 3.6V
IOL = 0.1mA
0.2
V
VCC = 2.3V
IOL = 6mA
0.4
IOL = 12mA
0.7
VCC = 2.7V
IOL = 12mA
0.4
VCC = 3V
IOL = 24mA
0.55
OPERATING CHARACTERISTICS, VCC = 3.3V ± 0.3V, TA = 25°C
Symbol
Parameter
Test Conditions
Typical
Unit
CPD
PowerDissipationCapacitanceperTransceiverOutputsenabled
CL = 0pF, f = 10Mhz
44
pF
CPD
PowerDissipationCapacitanceperTransceiverOutputsdisabled
4
SWITCHING CHARACTERISTICS(1)
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay,TransparentMode
6.1
1.2
5.4
ns
tPHL
xAx to xBx or xBx to xAx
tPLH
PropagationDelay
7.4
1.5
6.1
ns
tPHL
xLEBA to xAx, xLEAB to xBx
tPZH
OutputEnableTime
7.9
1.2
6.6
ns
tPZL
xCEBA or xCEAB to xAx or xBx
tPZH
OutputEnableTime
7.6
1
6.3
ns
tPZL
xOEBA or xOEAB to xAx or xBx
tPHZ
OutputDisableTime
7.1
1.5
6.6
ns
tPLZ
xCEBA or xCEAB to xAx or xBx
tPHZ
OutputDisableTime
6.9
1.5
6.3
ns
tPLZ
xOEBA or xOEAB to xAx or xBx
tSU
Set-upTime,databefore CE
1.1
1.1
ns
tSU
Set-up Time, data before LE
↑, CELOW
1.1
1.1
ns
tH
Hold Time, data after CE
1.9
1.9
ns
tH
Hold Time, data after LE
↑, CE LOW
1.9
1.9
ns
tW
Pulse Duration, xLEBA or xLEAB, xCEBA or xCEAB LOW
3.3
3.3
ns
tSK(o)
OutputSkew(2)
——
500
ps
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2. Skew between any two outputs of the same package and switching in the same direction.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn