Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC162244APAG8 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 74LVC162244APAG8
Description  3.3V CMOS 16-BIT BUFFER/DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74LVC162244APAG8 Datasheet(HTML) 6 Page - Integrated Device Technology

  74LVC162244APAG8 Datasheet HTML 1Page - Integrated Device Technology 74LVC162244APAG8 Datasheet HTML 2Page - Integrated Device Technology 74LVC162244APAG8 Datasheet HTML 3Page - Integrated Device Technology 74LVC162244APAG8 Datasheet HTML 4Page - Integrated Device Technology 74LVC162244APAG8 Datasheet HTML 5Page - Integrated Device Technology 74LVC162244APAG8 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
6
IDT74LVC162244A
3.3VCMOS16-BITBUFFER/DRIVERWITH3-STATEOUTPUTS
ORDERING INFORMATION
XX
LVC
XXXX
XX
Package
Device Type
Temp. Range
PVG
PAG
162
74
Shrink Small Outline Package - Green
Thin Shrink Small Outline Package - Green
16-Bit Buffer/Driver with 3-State Outputs
-40°C to +85°C
XXX
Family
Bus-Hold
244A
No Bus-hold
Double-Density with Resistors, ±12mA
Blank
Blank
8
Tube or Tray
Tape and Reel
X
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
logichelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com
DATASHEET DOCUMENT HISTORY
07/28/2015
Pg. 1,2,6
Updated the ordering information by removing PF, PFG, non RoHS parts and adding Tape and Reel information.


Similar Part No. - 74LVC162244APAG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74LVC162244APAG8 RENESAS-74LVC162244APAG8 Datasheet
302Kb / 7P
   3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
JULY 2015
More results

Similar Description - 74LVC162244APAG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC16244A IDT-IDT74LVC16244A_15 Datasheet
107Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVC16244A IDT-IDT74ALVC16244A_16 Datasheet
93Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74LVCH16244A IDT-IDT74LVCH16244A_15 Datasheet
224Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74LVCH162244A IDT-IDT74LVCH162244A_15 Datasheet
108Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVC16244A IDT-IDT74ALVC16244A_09 Datasheet
84Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVCH162244 IDT-IDT74ALVCH162244_16 Datasheet
96Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER
logo
Renesas Technology Corp
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT163244 IDT-IDT74FCT163244 Datasheet
108Kb / 6P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT163244CPVG IDT-IDT74FCT163244CPVG Datasheet
84Kb / 6P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com