Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC16245APAG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 74LVC16245APAG
Description  3.3V CMOS 16-BIT BUS TRANSCEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74LVC16245APAG Datasheet(HTML) 1 Page - Integrated Device Technology

  74LVC16245APAG Datasheet HTML 1Page - Integrated Device Technology 74LVC16245APAG Datasheet HTML 2Page - Integrated Device Technology 74LVC16245APAG Datasheet HTML 3Page - Integrated Device Technology 74LVC16245APAG Datasheet HTML 4Page - Integrated Device Technology 74LVC16245APAG Datasheet HTML 5Page - Integrated Device Technology 74LVC16245APAG Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVC16245A
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
1
JULY 2015
INDUSTRIAL TEMPERATURE RANGE
IDT and the IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2015 Integrated Device Technology, Inc.
DSC-4736/6
FEATURES:
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
•VCC = 3.3V ± 0.3V, Normal Range
•VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4
μμμμμ W typ. static)
• All inputs, outputs, and I/O are 5V tolerant
• Supports hot insertion
• Available in SSOP and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
APPLICATIONS:
• 5V and 3.3V mixed voltage systems
• Data communication and telecommunication systems
DRIVE FEATURES:
• High Output Drivers: ±24mA
• Reduced system switching noise
3.3V CMOS 16-BIT
BUS TRANSCEIVER
WITH 3-STATE OUTPUTS,
5 VOLT TOLERANT I/O
IDT74LVC16245A
DESCRIPTION:
This 16-bit bus transceiver is built using advanced dual metal CMOS
technology. This high-speed, low power transceiver is ideal for asynchro-
nous communication between two busses (A and B). The Direction and
Output Enable controls are designed to operate this device as either two
independent 8-bit transceivers or one 16-bit transceiver. The direction
control pin (DIR) controls the direction of data flow. The output enable pin
(OE) overrides the direction control and disables both ports. All inputs are
designed with hysteresis for improved noise margin.
All pins can be driven from either 3.3V or 5V devices. This feature allows
the use of this device as a translator in a mixed 3.3V/5V supply system.
The LVC16245A has been designed with a ±24mA output driver. This
driver is capable of driving a moderate to heavy load while maintaining
speed performance.
1
DIR
1
A1
1
A2
1
A3
1
A4
1
A5
1
A6
1
A7
1
A8
1
B8
1
B7
1
B6
1
B5
1
B4
1
B3
1
B2
1
B1
1
OE
2
DIR
2
A1
2
A2
2
A3
2
A4
2
A5
2
A6
2
A7
2
A8
2
B8
2
B7
2
B6
2
B5
2
B4
2
B3
2
B2
2
B1
2
OE
1
47
46
44
43
41
40
38
37
48
2
3
5
6
8
9
11
12
24
36
35
33
32
30
29
27
26
25
13
14
16
17
19
20
22
23


Similar Part No. - 74LVC16245APAG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74LVC16245APAG RENESAS-74LVC16245APAG Datasheet
324Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
JULY 2015
74LVC16245APAG8 RENESAS-74LVC16245APAG8 Datasheet
324Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
JULY 2015
More results

Similar Description - 74LVC16245APAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVCH162245A IDT-IDT74LVCH162245A_15 Datasheet
243Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCHR162245A IDT-IDT74LVCHR162245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCH16245A IDT-IDT74LVCH16245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVC162245 IDT-IDT74ALVC162245_09 Datasheet
96Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVCH16245 IDT-IDT74ALVCH16245_16 Datasheet
97Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVC162245A IDT-IDT74LVC162245A_15 Datasheet
122Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCR162245A IDT-IDT74LVCR162245A_15 Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74FCT163646 IDT-IDT74FCT163646 Datasheet
154Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT163652 IDT-IDT74FCT163652 Datasheet
166Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74LVCH32245A IDT-IDT74LVCH32245A_16 Datasheet
220Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com