Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74LVC16245A Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74LVC16245A
Description  3.3V CMOS 16-BIT BUS TRANSCEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVC16245A Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74LVC16245A_15 Datasheet HTML 1Page - Integrated Device Technology IDT74LVC16245A_15 Datasheet HTML 2Page - Integrated Device Technology IDT74LVC16245A_15 Datasheet HTML 3Page - Integrated Device Technology IDT74LVC16245A_15 Datasheet HTML 4Page - Integrated Device Technology IDT74LVC16245A_15 Datasheet HTML 5Page - Integrated Device Technology IDT74LVC16245A_15 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
6
IDT74LVC16245A
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
ORDERING INFORMATION
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
logichelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com
XX
LVC
XXXX
XX
Package
Device Type
Temp. Range
PVG
PAG
16
74
Shrink Small Outline Package - Green
Thin Shrink Small Outline Package - Green
16-Bit Bus Transceiver with 3-State Outputs
-40°C to +85°C
XXX
Family
Bus-Hold
245A
No Bus-hold
Double-Density, ±24mA
Blank
Blank
8
Tube or Tray
Tape and Reel
X
DATASHEET DOCUMENT HISTORY
07/28/2015
Pg. 1,2,6
Updated the ordering information by removing the "IDT" notation, PF, PFG, non RoHS parts and
adding Tape and Reel information.


Similar Part No. - IDT74LVC16245A_15

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC16245APA IDT-IDT74LVC16245APA Datasheet
90Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC16245APAG IDT-IDT74LVC16245APAG Datasheet
99Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS,5 VOLT TOLERANT I/O
IDT74LVC16245APF IDT-IDT74LVC16245APF Datasheet
90Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVC16245APV IDT-IDT74LVC16245APV Datasheet
90Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
More results

Similar Description - IDT74LVC16245A_15

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVCH162245A IDT-IDT74LVCH162245A_15 Datasheet
243Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCHR162245A IDT-IDT74LVCHR162245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCH16245A IDT-IDT74LVCH16245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVC162245 IDT-IDT74ALVC162245_09 Datasheet
96Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVCH16245 IDT-IDT74ALVCH16245_16 Datasheet
97Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVC162245A IDT-IDT74LVC162245A_15 Datasheet
122Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCR162245A IDT-IDT74LVCR162245A_15 Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74FCT163646 IDT-IDT74FCT163646 Datasheet
154Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT163652 IDT-IDT74FCT163652 Datasheet
166Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74LVCH32245A IDT-IDT74LVCH32245A_16 Datasheet
220Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com