Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBSF03AAPL Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # SBSF03AAPL
Description  IF Filter for Digital Terrestrial TV
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

SBSF03AAPL Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  SBSF03AAPL Datasheet HTML 1Page - Fujitsu Component Limited. SBSF03AAPL Datasheet HTML 2Page - Fujitsu Component Limited. SBSF03AAPL Datasheet HTML 3Page - Fujitsu Component Limited. SBSF03AAPL Datasheet HTML 4Page - Fujitsu Component Limited. SBSF03AAPL Datasheet HTML 5Page - Fujitsu Component Limited. SBSF03AAPL Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Customer Name
Standard specification
Application
IF Filter for
Digital Terrestrial TV
(Switchable)
FUJITSU MEDIA DEVICES LIMITED
Center Frequency
36.125 MHz
DATE
Jun. 30 2003
FMD Part Number
SBSF03AAPL
Version 1.3
Table 1-2 Electrical Specification
(Ta=25
oC)
Channel 2 (BW=8MHz)
Pin No.1=INPUT
Pin No.2&3=GROUND
Specification
Items
Conditions
Min.
Typ.
Max.
Unit
Remarks
Center frequency
36.125
MHz
Insertion Loss
36.125
MHz
20.4
21.9
23.4
dB
1
dB
7.4
MHz
3
dB
7.9
MHz
Pass bandwidth
30
dB
9.5
MHz
31.375
MHz
-30
-23
dB
32.125
MHz
- 5.7
- 4.0
dB
32.325
MHz
- 2.8
- 1.6
dB
36.125
MHz
0
dB
Reference
39.925
MHz
- 2.8
- 1.5
dB
40.125
MHz
- 5.5
- 3.8
dB
41.025
MHz
-42
-30
dB
47.375
MHz
-50
-30
dB
25.125 ~ 30.125
MHz
-40
-34
dB
Relative level
42.125 ~ 50.125
MHz
-34
-29
dB
Amplitude ripple
(p-p)
33.125 ~ 39.125
MHz
0.5
1.0
dB
Group delay ripple
(p-p)
32.775 ~ 39.725
MHz
40
80
ns
Input Capacitance
Cin2
( 1.0
MHz)
22.6
pF
Output Capacitance
Cout
( 1.0
MHz)
4.3
pF
Temperature coefficient
-72
ppm/
oC


Similar Part No. - SBSF03AAPL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
SBSF03ABPL FUJITSU-SBSF03ABPL Datasheet
104Kb / 6P
   IF Filter for Digital Terrestrial TV
More results

Similar Description - SBSF03AAPL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-K4SH-36M000-L0E1 FUJITSU-FAR-K4SH-36M000-L0E1 Datasheet
124Kb / 9P
   IF Filter for Digital Terrestrial TV
SBSF03ABPL FUJITSU-SBSF03ABPL Datasheet
104Kb / 6P
   IF Filter for Digital Terrestrial TV
SBF0406RPL FUJITSU-SBF0406RPL Datasheet
82Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
SBF0407BPL FUJITSU-SBF0407BPL Datasheet
80Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
SBF0408KPL FUJITSU-SBF0408KPL Datasheet
80Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
SBF0406FPL FUJITSU-SBF0406FPL Datasheet
79Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
SBF0406KPL FUJITSU-SBF0406KPL Datasheet
82Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
SBF0408LPL FUJITSU-SBF0408LPL Datasheet
79Kb / 4P
   IF Filter for Digital Cable Digital Terrestrial TV
FAR-F4SE-36M125-A001 FUJITSU-FAR-F4SE-36M125-A001 Datasheet
100Kb / 4P
   IF Filter for Terrestrial-TV
FAR-F4SE-44M000-H0A2 FUJITSU-FAR-F4SE-44M000-H0A2 Datasheet
89Kb / 5P
   IF Filter for Terrestrial-TV
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com