Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZ14DTT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NL27WZ14DTT1
Description  Dual Schmitt-Trigger Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ14DTT1 Datasheet(HTML) 1 Page - ON Semiconductor

  NL27WZ14DTT1 Datasheet HTML 1Page - ON Semiconductor NL27WZ14DTT1 Datasheet HTML 2Page - ON Semiconductor NL27WZ14DTT1 Datasheet HTML 3Page - ON Semiconductor NL27WZ14DTT1 Datasheet HTML 4Page - ON Semiconductor NL27WZ14DTT1 Datasheet HTML 5Page - ON Semiconductor NL27WZ14DTT1 Datasheet HTML 6Page - ON Semiconductor NL27WZ14DTT1 Datasheet HTML 7Page - ON Semiconductor NL27WZ14DTT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2003
May, 2003 - Rev. 4
1
Publication Order Number:
NL27WZ14/D
NL27WZ14
Dual Schmitt−Trigger Inverter
The NL27WZ14 is a high performance dual inverter with
Schmitt- Trigger inputs operating from a 1.65 to 5.5 V supply.
Pin configuration and function are the same as the NL27WZ04, but the
inputs have hysteresis and, with its Schmitt trigger function, the
NL27WZ14 can be used as a line receiver which will receive slow input
signals. The NL27WZ14 is capable of transforming slowly changing input
signals into sharply defined, jitter- free output signals. In addition, it has a
greater noise margin than conventional inverters. The NL27WZ14 has
hysteresis between the positive- going and the negative- going input
thresholds (typically 1.0 V) which is determined internally by transistor
ratios and is essentially insensitive to temperature and supply voltage
variations.
Designed for 1.65 V to 5.5 V V
CC Operation
Over Voltage Tolerant Inputs and Outputs
LVTTL Compatible - Interface Capability with 5 V TTL Logic
with VCC = 3 V
LVCMOS Compatible
24 mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current Substantially Reduces System
Power Requirements
Current Drive Capability is 24 mA at the Outputs
Chip Complexity: FET = 72
VCC
IN A1
OUT Y1
GND
IN A2
OUT Y2
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
IN A2
OUT Y2
OUT Y1
IN A1
1
2
3
6
5
4
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
SC-88/SOT-363/SC70-6
DF SUFFIX
CASE 419B
MAd
TSOP-6/SOT-23-6/SC59-6
DT SUFFIX
CASE 318G
MA = Device Marking
d
= Date Code
MAd
http://onsemi.com
PIN ASSIGNMENT
1
2
3IN A2
IN A1
GND
4
5VCC
OUT Y2
Pin
Function
FUNCTION TABLE
L
A Input
Y Output
H
HL
1
6
1
6
6
OUT Y1
1
6
1
6


Similar Part No. - NL27WZ14DTT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ14DTT1 ONSEMI-NL27WZ14DTT1 Datasheet
81Kb / 6P
   Dual Schmitt?뭈rigger Inverter
February, 2007 ??Rev. 9
NL27WZ14DTT1G ONSEMI-NL27WZ14DTT1G Datasheet
81Kb / 6P
   Dual Schmitt?뭈rigger Inverter
February, 2007 ??Rev. 9
NL27WZ14DTT1G ONSEMI-NL27WZ14DTT1G Datasheet
87Kb / 6P
   Dual Schmitt-Trigger Inverter
August, 2016 ??Rev. 14
NL27WZ14DTT1G ONSEMI-NL27WZ14DTT1G Datasheet
444Kb / 14P
   Dual Schmitt-Trigger Inverter
March, 2022 - Rev. 18
More results

Similar Description - NL27WZ14DTT1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLV27WZ14DFT2G ONSEMI-NLV27WZ14DFT2G Datasheet
129Kb / 6P
   Dual Schmitt-Trigger Inverter
March, 2013 ??Rev. 13
NLU2G14 ONSEMI-NLU2G14 Datasheet
138Kb / 8P
   Dual Schmitt-Trigger Inverter
July, 2008 ??Rev. 3
NLX2G14 ONSEMI-NLX2G14 Datasheet
144Kb / 8P
   Dual Schmitt-Trigger Inverter
November, 2009 ??Rev. 2
logo
Unisonic Technologies
U74LVC2G17 UTC-U74LVC2G17_15 Datasheet
158Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14_16 Datasheet
72Kb / 7P
   Dual Schmitt-Trigger Inverter
July, 2016 ??Rev. 5
logo
Texas Instruments
SN74LVC2G14 TI-SN74LVC2G14_09 Datasheet
584Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14 TI-SN74LVC2G14 Datasheet
386Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
Unisonic Technologies
U74LVC2G14 UTC-U74LVC2G14_15 Datasheet
191Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74LVC2G14 DIODES-74LVC2G14 Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com