Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZ125 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NL27WZ125
Description  Dual Buffer with 3-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ125 Datasheet(HTML) 6 Page - ON Semiconductor

  NL27WZ125 Datasheet HTML 1Page - ON Semiconductor NL27WZ125 Datasheet HTML 2Page - ON Semiconductor NL27WZ125 Datasheet HTML 3Page - ON Semiconductor NL27WZ125 Datasheet HTML 4Page - ON Semiconductor NL27WZ125 Datasheet HTML 5Page - ON Semiconductor NL27WZ125 Datasheet HTML 6Page - ON Semiconductor NL27WZ125 Datasheet HTML 7Page - ON Semiconductor NL27WZ125 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NL27WZ125
http://onsemi.com
6
TAPE TRAILER
(Connected to Reel Hub)
NO COMPONENTS
160 mm MIN
TAPE LEADER
NO COMPONENTS
400 mm MIN
COMPONENTS
DIRECTION OF FEED
CAVITY
TAPE
TOP TAPE
Figure 8. Tape Ends for Finished Goods
Figure 9. US8 Reel Configuration/Orientation
1
8.00
+ 0.30
– 0.10
4.00
2.00
1.75
3.50
$ 0.25
1.00
± 0.25 TYP
4.00
DIRECTION OF FEED
TAPE DIMENSIONS mm
1.50 TYP


Similar Part No. - NL27WZ125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ125 ONSEMI-NL27WZ125 Datasheet
71Kb / 5P
   Dual Buffer with 3?뭆tate Outputs
April, 2006 ??Rev. 5
NL27WZ125 ONSEMI-NL27WZ125 Datasheet
114Kb / 5P
   Dual Buffer with 3-State Outputs
March, 2014 ??Rev. 10
NL27WZ125 ONSEMI-NL27WZ125 Datasheet
160Kb / 12P
   Dual Buffer with 3-State Outputs
March, 2022 - Rev. 13
NL27WZ125MQ1TCG ONSEMI-NL27WZ125MQ1TCG Datasheet
160Kb / 12P
   Dual Buffer with 3-State Outputs
March, 2022 - Rev. 13
NL27WZ125MQ2TCG ONSEMI-NL27WZ125MQ2TCG Datasheet
160Kb / 12P
   Dual Buffer with 3-State Outputs
March, 2022 - Rev. 13
More results

Similar Description - NL27WZ125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ125 ONSEMI-NL27WZ125_V01 Datasheet
160Kb / 12P
   Dual Buffer with 3-State Outputs
March, 2022 - Rev. 13
NL27WZ126 ONSEMI-NL27WZ126 Datasheet
87Kb / 8P
   Dual Buffer with 3-State Outputs
July, 2002 ??Rev. 2
NL27WZ125 ONSEMI-NL27WZ125_12 Datasheet
106Kb / 5P
   Dual Buffer with 3-State Outputs
April, 2012 ??Rev. 8
NL27WZ126 ONSEMI-NL27WZ126_12 Datasheet
107Kb / 6P
   Dual Buffer with 3-State Outputs
April, 2012 ??Rev. 8
NL27WZ126 ONSEMI-NL27WZ126_V01 Datasheet
156Kb / 12P
   Dual Buffer with 3-State Outputs
March, 2022 - Rev. 14
NL27WZ126 ONSEMI-NL27WZ126_15 Datasheet
76Kb / 6P
   Dual Buffer with 3-State Outputs
August, 2015 ??Rev. 10
NL27WZ125 ONSEMI-NL27WZ125_14 Datasheet
114Kb / 5P
   Dual Buffer with 3-State Outputs
March, 2014 ??Rev. 10
logo
Texas Instruments
SN74AUC2G241 TI-SN74AUC2G241_09 Datasheet
526Kb / 15P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240_1 Datasheet
538Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G240 UTC-U74LVC2G240 Datasheet
214Kb / 6P
   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com